Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C340ANJT Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS370C340ANJT
Description  8-BIT MICROCONTROLLER
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C340ANJT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS370C340ANJT Datasheet HTML 2Page - Texas Instruments TMS370C340ANJT Datasheet HTML 3Page - Texas Instruments TMS370C340ANJT Datasheet HTML 4Page - Texas Instruments TMS370C340ANJT Datasheet HTML 5Page - Texas Instruments TMS370C340ANJT Datasheet HTML 6Page - Texas Instruments TMS370C340ANJT Datasheet HTML 7Page - Texas Instruments TMS370C340ANJT Datasheet HTML 8Page - Texas Instruments TMS370C340ANJT Datasheet HTML 9Page - Texas Instruments TMS370C340ANJT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C -- NOVEMBER 1992 -- REVISED FEBRUARY 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
central processing unit (CPU)
The CPU used on the TMS370Cx4x device is the high-performance 8-bit TMS370 CPU module. The ’x4x
implements an efficient register-to-register architecture that eliminates the conventional accumulator
bottleneck. The complete ’x4x instruction map is shown in Table 17 in the TMS370Cx4x instruction set overview
section.
The ’370Cx4x CPU architecture provides the following components:
D
CPU registers:
--
A stack pointer (SP) that points to the last entry in the memory stack
--
A status register (ST) that monitors the operation of the instructions and contains the
global-interrupt-enable bits
--
A program counter (PC) that points to the memory location of the next instruction to be executed
Figure 1 illustrates the CPU registers and memory blocks.
Reserved
Peripheral File
Not Available
0FFFh
1000h
1F00h
1FFFh
2000h
5FFFh
6000h
Interrupts and Reset Vectors;
Trap Vectors
10FFh
1100h
1EFFh
Reserved
7FFFh
0
RAM (Includes up to 256-Byte Registers File)
0
15
Program Counter
7
Legend:
Z=Zero
IE1=Level 1 interrupts Enable
C=Carry
V=Overflow
N=Negative
IE2=Level 2 interrupts Enable
IE1
IE2
Z
N
C
0
1
2
3
4
5
6
7
V
Status Register (ST)
Stack Pointer (SP)
R0(A)
R1(B)
R3
R127
0000h
0001h
0002h
007Fh
R255
0003h
R2
00FFh
256-Byte Data EEPROM
6FFFh
7000h
8K-Byte ROM/EPROM (6000h--6FFFh)
4K-Byte ROM (7000h--7FFFh)
7FC0h
7FBFh
00FFh
0100h
256-Byte RAM (0000h--00FFh)
0000h
Reserved means the address space is reserved for future expansion.
Not available means the address space is not accessible.
Figure 1. Programmer’s Model


Similar Part No. - TMS370C340ANJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C340ANJT TI-TMS370C340ANJT Datasheet
860Kb / 69P
[Old version datasheet]   CMOS EEPROM/EPROM Technologies on a Single Device
More results

Similar Description - TMS370C340ANJT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com