Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C342ANJT Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS370C342ANJT
Description  8-BIT MICROCONTROLLER
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C342ANJT Datasheet(HTML) 4 Page - Texas Instruments

  TMS370C342ANJT Datasheet HTML 1Page - Texas Instruments TMS370C342ANJT Datasheet HTML 2Page - Texas Instruments TMS370C342ANJT Datasheet HTML 3Page - Texas Instruments TMS370C342ANJT Datasheet HTML 4Page - Texas Instruments TMS370C342ANJT Datasheet HTML 5Page - Texas Instruments TMS370C342ANJT Datasheet HTML 6Page - Texas Instruments TMS370C342ANJT Datasheet HTML 7Page - Texas Instruments TMS370C342ANJT Datasheet HTML 8Page - Texas Instruments TMS370C342ANJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C -- NOVEMBER 1992 -- REVISED FEBRUARY 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
description (continued)
D
One 24-bit general-purpose watchdog timer
Table 1 provides an overview of the various memory configurations of the TMS370Cx4x devices.
Table 1. Memory Configurations
DEVICE
PROGRAM MEMORY (BYTES)
DATA MEMORY (BYTES)
PACKAGES
44 PIN/PLCC/CLCC OR
DEVICE
ROM
EPROM
RAM
EEPROM
44 PIN/PLCC/CLCC OR
40 PIN PDIP/CDIP/PSDIP/CSDIP
TMS370C040A
4K
256
256
FN-PLCC
N-PDIP
NJ-PSDIP
TMS370C042A
8K
256
256
FN-PLCC
N-PDIP
NJ-PSDIP
TMS370C340A
4K
256
FN-PLCC
N-PDIP
NJ-PSDIP
TMS370C342A
8K
256
FN-PLCC
N-PDIP
NJ-PSDIP
TMS370C742A
8K
256
256
FN-PLCC
N-PDIP
NJ-PSDIP
SE370C742A
8K
256
256
FZ-CLCC
JD-CDIP
JC-CSDIP
The NJ designator for the 40-pin plastic shrink DIP package was known formerly as the N2. The mechanical drawing of the NJ is identical to the
N2 package and did not need to be requalified.
System evaluators and development tools are for use only in a prototype environment, and their reliability has not been characterized.
The suffix letter (A) appended to the device name (shown in the first column of Table 1) indicates the
configuration of the device. ROM and EPROM devices have different configurations as indicated in Table 2.
ROM devices with the suffix letter A are configured through a programmable contact during manufacture.
Table 2. Suffix Letter Configuration
DEVICE
WATCHDOG TIMER
CLOCK
LOW-POWER MODE
EPROM A
Standard
Divide-by-4 (standard oscillator)
Enabled
Standard
Di id b 4 ( t d d
ill t )
ROM A
Hard
Divide-by-4 (standard oscillator)
or Divide-by-1 (PLL)
Enabled or disabled
ROM A
Simple
or Divide-by-1 (PLL)
Enabled or disabled
The 4K bytes and 8K bytes of mask-programmable ROM in the TMS370C040A, TMS370C042A,
TMS370C340A and TMS370C342A are replaced in the TMS370C742 with 8K bytes of EPROM while all other
available memory and on-chip peripherals are identical, with the exception of no data EEPROM on the
TMS370C340A and TMS370C342A devices. The OTP (TMS370C742A) device and the reprogrammable
device (SE370C742A) are available.
TMS370C742A (OTP) devices are available in plastic packages. This microcontroller is effective to use for
immediate production updates for other members of the TMS370Cx4x family or for low-volume production runs
when the mask charge or cycle time for the low-cost mask ROM devices is not practical.


Similar Part No. - TMS370C342ANJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C342ANJT TI-TMS370C342ANJT Datasheet
860Kb / 69P
[Old version datasheet]   CMOS EEPROM/EPROM Technologies on a Single Device
More results

Similar Description - TMS370C342ANJT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com