Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5408 Datasheet(PDF) 11 Page - Microchip Technology

Part # HV5408
Description  32-Channel, Serial-to-Parallel Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV5408 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HV5408 Datasheet HTML 7Page - Microchip Technology HV5408 Datasheet HTML 8Page - Microchip Technology HV5408 Datasheet HTML 9Page - Microchip Technology HV5408 Datasheet HTML 10Page - Microchip Technology HV5408 Datasheet HTML 11Page - Microchip Technology HV5408 Datasheet HTML 12Page - Microchip Technology HV5408 Datasheet HTML 13Page - Microchip Technology HV5408 Datasheet HTML 14Page - Microchip Technology HV5408 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
 2015 Microchip Technology Inc.
DS20005425A-page 11
HV5308 / HV5408
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
not include the corporate logo.
3
e
3
e
44-lead PLCC
Example
XXXXXXXXX
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
e3
HV5308PJ-B
1530343
e3
44-lead PQFP
Example
XXXXXXXX
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
e3
HV5308PG-B
1530343
e3


Similar Part No. - HV5408

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408 SUTEX-HV5408 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5408 SUTEX-HV5408 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5408B SUTEX-HV5408B Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408DJ SUTEX-HV5408DJ Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5408PG SUTEX-HV5408PG Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV5408

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV5122 MICROCHIP-HV5122 Datasheet
349Kb / 15P
   32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com