Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5222PJ-G Datasheet(PDF) 10 Page - Microchip Technology

Part # HV5222PJ-G
Description  32-Channel, Serial-to-Parallel Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV5222PJ-G Datasheet(HTML) 10 Page - Microchip Technology

Back Button HV5222PJ-G Datasheet HTML 6Page - Microchip Technology HV5222PJ-G Datasheet HTML 7Page - Microchip Technology HV5222PJ-G Datasheet HTML 8Page - Microchip Technology HV5222PJ-G Datasheet HTML 9Page - Microchip Technology HV5222PJ-G Datasheet HTML 10Page - Microchip Technology HV5222PJ-G Datasheet HTML 11Page - Microchip Technology HV5222PJ-G Datasheet HTML 12Page - Microchip Technology HV5222PJ-G Datasheet HTML 13Page - Microchip Technology HV5222PJ-G Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HV5122 / HV5222
DS20005418B-page 10
 2015 Microchip Technology Inc.
44-Lead PQFP Package Outline (PG)
10.00x10.00mm body, 2.35mm height (max), 0.80mm pitch
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
Dimension
(mm)
MIN
1.95*
0.00
1.95
0.30
13.65*
9.80*
13.65*
9.80*
0.80
BSC
0.73
1.95
REF
0.25
BSC
0O
NOM
-
-
2.00
-
13.90
10.00
13.90
10.00
0.88
3.5O
MAX
2.35
0.25
2.10
0.45
14.15*
10.20*
14.15*
10.20*
1.03
7O
JEDEC Registration MO-112, Variation AA-2, Issue B, Sep.1995.
Drawings not to scale.
S
D
# DSPD 44PQFPPG V
i
C041309
1
44
Seating
Plane
Gauge
Plane
θ
L
L1
L2
View B
View B
Seating
Plane
Top View
D
D1
E
E1
b
e
Side View
A2
A
A1
Note 1
(Index Area
D1/4 x E1/4)
Note:
1.
a printed indicator.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.


Similar Part No. - HV5222PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5222PJ SUTEX-HV5222PJ Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5222PJ-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV5308 MICROCHIP-HV5308 Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com