Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5408PJ-B-G-M919 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV5408PJ-B-G-M919
Description  32-Channel, Serial-to-Parallel Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV5408PJ-B-G-M919 Datasheet(HTML) 1 Page - Microchip Technology

  HV5408PJ-B-G-M919 Datasheet HTML 1Page - Microchip Technology HV5408PJ-B-G-M919 Datasheet HTML 2Page - Microchip Technology HV5408PJ-B-G-M919 Datasheet HTML 3Page - Microchip Technology HV5408PJ-B-G-M919 Datasheet HTML 4Page - Microchip Technology HV5408PJ-B-G-M919 Datasheet HTML 5Page - Microchip Technology HV5408PJ-B-G-M919 Datasheet HTML 6Page - Microchip Technology HV5408PJ-B-G-M919 Datasheet HTML 7Page - Microchip Technology HV5408PJ-B-G-M919 Datasheet HTML 8Page - Microchip Technology HV5408PJ-B-G-M919 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
 2015 Microchip Technology Inc.
DS20005425A-page 1
Features
• Processed with High-Voltage CMOS technology
• Low power-level shifting
• Source/sink current minimum 20mA
• Shift register speed 8.0 MHz
• Latched data outputs
• CMOS compatible inputs
• Forward and reverse shifting options
• Diode to VPP allows efficient power recovery
Description
HV5308 and HV5408 are low-voltage serial to high-
voltage parallel converters with push-pull outputs.
These devices have been designed for use as a driver
for AC-electroluminescent displays. HV5308 / HV5408
can also be used in any application requiring multiple
output high-voltage, current sourcing, and sinking
capabilities such as driving plasma panels, vacuum flu-
orescent, or large matrix LCD displays.
These devices consist of a 32-bit shift register,
32 latches, and control logic to enable outputs. Data is
shifted through the shift register on the low-to-high tran-
sition of the clock.
HV5308 shifts in the clockwise
direction, when viewed from the top of the package,
and HV5408 shifts in the counter-clockwise direction.
A data output buffer is provided for cascading devices.
This output reflects the current status of the last bit of
the shift register (32). Operation of the shift register is
not affected by the LE (latch enable) or the OE (output
enable) inputs. Transfer of data from the shift register
to the latch occurs when the LE input is high. The data
in the latch is retained when LE is low.
HV5308 / HV5408
32-Channel, Serial-to-Parallel Converter
with High-Voltage Push-Pull Outputs


Similar Part No. - HV5408PJ-B-G-M919

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV5408PJ-B-G-M919

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV5122 MICROCHIP-HV5122 Datasheet
349Kb / 15P
   32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com