Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74S51N Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74S51N
Description  AND-OR-INVERT GATES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74S51N Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74S51N Datasheet HTML 5Page - Texas Instruments SN74S51N Datasheet HTML 6Page - Texas Instruments SN74S51N Datasheet HTML 7Page - Texas Instruments SN74S51N Datasheet HTML 8Page - Texas Instruments SN74S51N Datasheet HTML 9Page - Texas Instruments SN74S51N Datasheet HTML 10Page - Texas Instruments SN74S51N Datasheet HTML 11Page - Texas Instruments SN74S51N Datasheet HTML 12Page - Texas Instruments SN74S51N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SNJ5451J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5451J
SNJ5451W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5451W
SNJ5451W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ5451W
SNJ54LS51J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54LS51J
SNJ54LS51J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54LS51J
SNJ54LS51W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54LS51W
SNJ54LS51W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54LS51W
SNJ54S51FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
SNJ54S
51FK
SNJ54S51J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54S51J
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Similar Part No. - SN74S51N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S51N TI-SN74S51N Datasheet
221Kb / 7P
[Old version datasheet]   AND-OR-INVERT GATES
SN74S51N TI-SN74S51N Datasheet
886Kb / 25P
[Old version datasheet]   AND-OR-INVERT GATES
SN74S51N3 TI-SN74S51N3 Datasheet
886Kb / 25P
[Old version datasheet]   AND-OR-INVERT GATES
SN74S51NE4 TI-SN74S51NE4 Datasheet
886Kb / 25P
[Old version datasheet]   AND-OR-INVERT GATES
More results

Similar Description - SN74S51N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5451 TI-SN5451 Datasheet
221Kb / 7P
[Old version datasheet]   AND-OR-INVERT GATES
SN5451 TI-SN5451_07 Datasheet
886Kb / 25P
[Old version datasheet]   AND-OR-INVERT GATES
logo
Aeroflex Circuit Techno...
UT54ACS54 AEROFLEX-UT54ACS54 Datasheet
230Kb / 9P
   4-Wide AND-OR-INVERT Gates
logo
National Semiconductor ...
DM74S64N NSC-DM74S64N Datasheet
57Kb / 2P
   4-WIDE AND-OR-INVERT GATES
logo
Texas Instruments
SN5454 TI-SN5454 Datasheet
406Kb / 11P
[Old version datasheet]   5-WIDE AND-OR-INVERT GATES
logo
Hitachi Semiconductor
HD74LS55 HITACHI-HD74LS55 Datasheet
43Kb / 5P
   2-wide 4-input AND-OR-INVERT Gates
logo
Texas Instruments
SN54S64 TI-SN54S64 Datasheet
168Kb / 5P
[Old version datasheet]   4-2-3-2 INPUT AND-OR-INVERT GATES
SN54S64 TI1-SN54S64_15 Datasheet
424Kb / 11P
[Old version datasheet]   4-2-3-2 INPUT AND-OR-INVERT GATES
logo
Hitachi Semiconductor
HD74LS54 HITACHI-HD74LS54 Datasheet
44Kb / 5P
   4-wide 2-input, 3-input AND-OR-INVERT Gates
logo
Renesas Technology Corp
HD74LS54 RENESAS-HD74LS54 Datasheet
145Kb / 4P
   4-wide 2-input, 3-input AND-OR-INVERT Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com