Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2830ACP32-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2830ACP32-REEL7
Description  Continuous Wave Laser Average Power Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2830ACP32-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2830ACP32-REEL7 Datasheet HTML 4Page - Analog Devices ADN2830ACP32-REEL7 Datasheet HTML 5Page - Analog Devices ADN2830ACP32-REEL7 Datasheet HTML 6Page - Analog Devices ADN2830ACP32-REEL7 Datasheet HTML 7Page - Analog Devices ADN2830ACP32-REEL7 Datasheet HTML 8Page - Analog Devices ADN2830ACP32-REEL7 Datasheet HTML 9Page - Analog Devices ADN2830ACP32-REEL7 Datasheet HTML 10Page - Analog Devices ADN2830ACP32-REEL7 Datasheet HTML 11Page - Analog Devices ADN2830ACP32-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
ADN2830
–8–
NC
NC
GND1
NC
VCC5
VCC1
PAVCAP
PAVCAP
VCC2
NC
GND2
IBIAS
GND2
GND2
IBIAS
NC
18
16
24
32
NC = NO CONNECT
MPD
LD
VCC
VCC
FAIL
DEGRADE
100nF
10 F
VCC
GND
PLACE 100nF CAP
CLOSE TO PIN 8
ADN2830
R1
R2
VCC
NOTES
1.FOR DIGITAL CONTROL, REPLACE RPSET WITH A DIGITAL POTENTIOMETER FROM ANALOG DEVICES:
ADN2850 10-BIT RESOLUTION, 35 ppm/ C TC, EEPROM; AD5242 8-BIT RESOLUTION, 30 ppm/ C TC.
2.TOTAL CURRENT TO LASER = IBIAS + IBIAS
R1/R2.
3.FOR BEST ACCURACY, SIZE R1 TO HAVE A MAXIMUM VOLTAGE DROP ACROSS IT WITHIN THE HEADROOM
CONSTRAINTS.
4.FOR 250 mA EXTRA IBIAS (450 mA TOTAL) FROM AMP1, USE AD8591 AMPLIFIER. AMP1 IS THE OPERATIONAL AMPLIFIER
SHOWN IN THIS FIGURE.
5.FOR 350 mA EXTRA IBIAS (550 mA TOTAL) FROM AMP1, USE ANALOG DEVICES’ SSM2211 AMPLIFIER. AMP1 IS THE
OPERATIONAL AMPLIFIER SHOWN IN THIS FIGURE.
Figure 4. The ADN2830 Configured with Current Multiplier
NC
NC
GND1
NC
VCC5
VCC1
PAVCAP
PAVCAP
VCC2
NC
GND2
IBIAS
GND2
GND2
IBIAS
NC
18
16
24
32
NC = NO CONNECT
VCC
VCC
FAIL
DEGRADE
100nF
10 F
VCC
GND
PLACE 100nF CAP
CLOSE TO PIN 8
ADN2830
R1
VCC
AD820
MPD
VCC
LD
VCC
R2
CURRENT GAIN =
R1
R2
Figure 5. The ADN2830 Configured as Average Power Controller (Bias Current Sourced)


Similar Part No. - ADN2830ACP32-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2830ACPZ32 AD-ADN2830ACPZ32 Datasheet
147Kb / 10P
   Continuous Wave Laser Average Power Controller
REV. B
More results

Similar Description - ADN2830ACP32-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2830ACPZ32 AD-ADN2830ACPZ32 Datasheet
147Kb / 10P
   Continuous Wave Laser Average Power Controller
REV. B
ADN2830 AD-ADN2830_15 Datasheet
147Kb / 10P
   Continuous Wave Laser
REV. B
logo
Eudyna Devices Inc
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
JDS Uniphase Corporatio...
CY-SM20-M1 JDSU-CY-SM20-M1 Datasheet
231Kb / 5P
   Quasi-Continuous Wave (CW) UV Laser
125N-1319-100 JDSU-125N-1319-100 Datasheet
261Kb / 5P
   Continuous Wave (CW) Single-Frequency IR Laser
142H-532-100 JDSU-142H-532-100 Datasheet
217Kb / 4P
   Continuous Wave (CW) Single Frequency Green Laser
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
CDPS532S010 JDSU-CDPS532S010 Datasheet
216Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
CDPS532M010 JDSU-CDPS532M010 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com