Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C15NL Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C15NL
Description  DIGITAL SIGNAL PROCESSORS
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C15NL Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C15NL Datasheet HTML 6Page - Texas Instruments TMS320C15NL Datasheet HTML 7Page - Texas Instruments TMS320C15NL Datasheet HTML 8Page - Texas Instruments TMS320C15NL Datasheet HTML 9Page - Texas Instruments TMS320C15NL Datasheet HTML 10Page - Texas Instruments TMS320C15NL Datasheet HTML 11Page - Texas Instruments TMS320C15NL Datasheet HTML 12Page - Texas Instruments TMS320C15NL Datasheet HTML 13Page - Texas Instruments TMS320C15NL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
D
D
D
D
D
PA
D
PA
D
NO.
CYCLES
NO.
WORDS
NO.
CYCLES
NO.
WORDS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C1x
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
10
Table 3. TMS320C1x Instruction Set Summary (concluded)
CONTROL INSTRUCTIONS
OPCODE
MNEMONIC
DESCRIPTION
INSTRUCTION REGISTER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DINT
Disable interrupt
1
1
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
1
EINT
Enable interrupt
1
1
0
11111
1
1
1
0
0
0001
0
LST
Load status register
1
1
0
11110
1
1
M
NOP
No operation
1
1
0
11111
1
1
1
0
0
0000
0
POP
POP stack to accumulator
2
1
0
11111
1
1
1
0
0
1110
1
PUSH
PUSH stack from accumulator
2
1
0
11111
1
1
1
0
0
1110
0
ROVM
Reset overflow mode
1
1
0
11111
1
1
1
0
0
0101
0
SOVM
Set overflow mode
1
1
0
11111
1
1
1
0
0
0101
1
SST
Store status register
1
1
0
11111
0
0
M
I/O AND DATA MEMORY OPERATIONS
OPCODE
MNEMONIC
DESCRIPTION
INSTRUCTION REGISTER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DMOV
Copy contents of data memory location into next higher location
1
1
0
1
1
0
1
0
0
1
M
IN
Input data from port
2
1
0
1000
M
OUT
Output data to port
2
1
0
1001
M
TBLR
Table read from program memory to data RAM
3
1
0
11001
1
1
M
TBLW
Table write from data RAM to program memory
3
1
0
1
1
1
1
1
0
1
M


Similar Part No. - TMS320C15NL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C15NL TI-TMS320C15NL Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C15NL TI1-TMS320C15NL Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C15NL-25 TI-TMS320C15NL-25 Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C15NL-25 TI1-TMS320C15NL-25 Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C15NL25 TI-TMS320C15NL25 Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C15NL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com