Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28234ZHHA Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320F28234ZHHA
Description  PRODUCTION DATA information is current as of publication date
Download  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28234ZHHA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320F28234ZHHA Datasheet HTML 6Page - Texas Instruments TMS320F28234ZHHA Datasheet HTML 7Page - Texas Instruments TMS320F28234ZHHA Datasheet HTML 8Page - Texas Instruments TMS320F28234ZHHA Datasheet HTML 9Page - Texas Instruments TMS320F28234ZHHA Datasheet HTML 10Page - Texas Instruments TMS320F28234ZHHA Datasheet HTML 11Page - Texas Instruments TMS320F28234ZHHA Datasheet HTML 12Page - Texas Instruments TMS320F28234ZHHA Datasheet HTML 13Page - Texas Instruments TMS320F28234ZHHA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 199 page
background image
TMS320F28335, TMS320F28334, TMS320F28332
TMS320F28235, TMS320F28234, TMS320F28232
SPRS439M – JUNE 2007 – REVISED AUGUST 2012
www.ti.com
Digital Signal Controllers (DSCs)
Check for Samples: TMS320F28335, TMS320F28334, TMS320F28332, TMS320F28235, TMS320F28234, TMS320F28232
1
TMS320F2833x, TMS320F2823x DSCs
1.1
Features
123
• High-Performance Static CMOS Technology
• Enhanced Control Peripherals
– Up to 150 MHz (6.67-ns Cycle Time)
– Up to 18 PWM Outputs
– 1.9-V/1.8-V Core, 3.3-V I/O Design
– Up to 6 HRPWM Outputs With 150 ps MEP
Resolution
• High-Performance 32-Bit CPU (TMS320C28x)
– Up to 6 Event Capture Inputs
– IEEE-754 Single-Precision Floating-Point
Unit (FPU) (F2833x only)
– Up to 2 Quadrature Encoder Interfaces
– 16 x 16 and 32 x 32 MAC Operations
– Up to 8 32-Bit Timers
(6 for eCAPs and 2 for eQEPs)
– 16 x 16 Dual MAC
– Up to 9 16-Bit Timers
– Harvard Bus Architecture
(6 for ePWMs and 3 XINTCTRs)
– Fast Interrupt Response and Processing
• Three 32-Bit CPU Timers
– Unified Memory Programming Model
• Serial Port Peripherals
– Code-Efficient (in C/C++ and Assembly)
– Up to 2 CAN Modules
• Six-Channel DMA Controller (for ADC, McBSP,
– Up to 3 SCI (UART) Modules
ePWM, XINTF, and SARAM)
– Up to 2 McBSP Modules (Configurable as
• 16-Bit or 32-Bit External Interface (XINTF)
SPI)
– Over 2M x 16 Address Reach
– One SPI Module
• On-Chip Memory
– One Inter-Integrated-Circuit (I2C) Bus
– F28335, F28235:
• 12-Bit ADC, 16 Channels
256K x 16 Flash, 34K x 16 SARAM
– 80-ns Conversion Rate
– F28334, F28234:
128K x 16 Flash, 34K x 16 SARAM
– 2 x 8 Channel Input Multiplexer
– F28332, F28232:
– Two Sample-and-Hold
64K x 16 Flash, 26K x 16 SARAM
– Single/Simultaneous Conversions
– 1K x 16 OTP ROM
– Internal or External Reference
• Boot ROM (8K x 16)
• Up to 88 Individually Programmable,
– With Software Boot Modes (via SCI, SPI,
Multiplexed GPIO Pins With Input Filtering
CAN, I2C, McBSP, XINTF, and Parallel I/O)
• JTAG Boundary Scan Support (1)
– Standard Math Tables
• Advanced Emulation Features
• Clock and System Control
– Analysis and Breakpoint Functions
– Dynamic PLL Ratio Changes Supported
– Real-Time Debug via Hardware
– On-Chip Oscillator
• Development Support Includes
– Watchdog Timer Module
– ANSI C/C++ Compiler/Assembler/Linker
• GPIO0 to GPIO63 Pins Can Be Connected to
– Code Composer Studio™ IDE
One of the Eight External Core Interrupts
– DSP/BIOS™
• Peripheral Interrupt Expansion (PIE) Block That
– Digital Motor Control and Digital Power
Supports All 58 Peripheral Interrupts
Software Libraries
• 128-Bit Security Key/Lock
– Protects Flash/OTP/RAM Blocks
– Prevents Firmware Reverse Engineering
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
Boundary Scan Architecture
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MicroStar BGA, Code Composer Studio, DSP/BIOS, TMS320C28x, Delfino, PowerPAD, TMS320C54x, TMS320C55x, C28x
are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2007–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TMS320F28234ZHHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28234ZHHA TI-TMS320F28234ZHHA Datasheet
2Mb / 195P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28234ZHHA TI1-TMS320F28234ZHHA Datasheet
2Mb / 199P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28234ZHHA TI1-TMS320F28234ZHHA Datasheet
2Mb / 201P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28234ZHHA TI1-TMS320F28234ZHHA Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28234ZHHA TI-TMS320F28234ZHHA Datasheet
3Mb / 207P
[Old version datasheet]   TMS320F2833x, TMS320F2823x Digital Signal Controllers (DSCs)
More results

Similar Description - TMS320F28234ZHHA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTM170EU-L21 SAMSUNG-LTM170EU-L21 Datasheet
1Mb / 25P
   This Product information is subject to change after 3 months of issuing date
logo
u-blox AG
EVK-M8T U-BLOX-EVK-M8T Datasheet
1Mb / 24P
   Evaluation Kit Early Production Information
logo
Freescale Semiconductor...
MC68HC908QB8 FREESCALE-MC68HC908QB8 Datasheet
1Mb / 236P
   To provide the most up-to-date information, the revision of our documents
logo
Texas Instruments
OMAP5910JZZG2 TI-OMAP5910JZZG2 Datasheet
2Mb / 171P
[Old version datasheet]   This document has been reviewed for technical accuracy; the technical content is up-to-date as of the specified release date and includes the following changes
logo
Japan Aviation Electron...
SJ105217 JAE-SJ105217 Datasheet
119Kb / 1P
   PRODUCTION LOT NO. AS INDICATED
logo
Silicon Laboratories
11156 SILABS-11156 Datasheet
442Kb / 1P
   THE INFORMATION HEREIN CONTAINS PROPIETARY INFORMATION OF SULLINS ELECTRONICS AND IS NOT
logo
STMicroelectronics
UM0920 STMICROELECTRONICS-UM0920 Datasheet
922Kb / 14P
   The purpose of this document is to provide information
AN4466 STMICROELECTRONICS-AN4466 Datasheet
300Kb / 10P
   The aim of this document is to give all information
logo
Freescale Semiconductor...
AR4100 FREESCALE-AR4100 Datasheet
659Kb / 29P
   Low power modes consuming as little as 5 關A of current
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com