Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28PLC83PNTR Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320F28PLC83PNTR
Description  TMS320F28PLC8x Power Line Communications (PLC) Processors
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28PLC83PNTR Datasheet(HTML) 3 Page - Texas Instruments

  TMS320F28PLC83PNTR Datasheet HTML 1Page - Texas Instruments TMS320F28PLC83PNTR Datasheet HTML 2Page - Texas Instruments TMS320F28PLC83PNTR Datasheet HTML 3Page - Texas Instruments TMS320F28PLC83PNTR Datasheet HTML 4Page - Texas Instruments TMS320F28PLC83PNTR Datasheet HTML 5Page - Texas Instruments TMS320F28PLC83PNTR Datasheet HTML 6Page - Texas Instruments TMS320F28PLC83PNTR Datasheet HTML 7Page - Texas Instruments TMS320F28PLC83PNTR Datasheet HTML 8Page - Texas Instruments TMS320F28PLC83PNTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 132 page
background image
GPIO Mux
DMA Bus
DMA Bus
16-bit Peripheral Bus
SCI-A/B
(4L FIFO)
SPI-A/B
(4L FIFO)
I2C-A
(4L FIFO)
32-bit Peripheral Bus
ePWM1, ePWM2
HRPWM (2 ch)
32-bit Peripheral
Bus
eCAP-1
Memory Bus
A[1:0]
B[1:0]
Memory Bus
ADC
0-wait
Result
Regs
ADC
COMP
+
DAC
COMP1OUT
COMP2OUT
COMP3OUT
Boot-ROM
(32Kx16)
(0-wait,
Non-Secure)
DMA
6-ch
C28x 32-bit CPU
VCU
OSC1, OSC2,
Ext, PLLs,
LPM, WD,
CPU Timers0/1/2,
PIE
TRST
TCK, TDI, TMS
TDO
XCLKIN
LPM Wakeup
3 Ext. Interrupts
X1
X2
XRS
PSWD
M0 SARAM (1Kx16)
(0-wait, Non-Secure)
M1 SARAM (1Kx16)
(0-wait, Non-Secure)
L5 DPSARAM (8Kx16)
(0-wait, Non-Secure)
DMA RAM0
L6 DPSARAM (8Kx16)
(0-wait, Non-Secure)
DMA RAM1
L7 DPSARAM (8Kx16)
(0-wait, Non-Secure)
DMA RAM2
L8 DPSARAM (8Kx16)
(0-wait, Non-Secure)
DMA RAM3
L0 DPSARAM (2Kx16)
(0-wait, Secure)
L1 DPSARAM (1Kx16)
(0-wait, Secure)
L2 DPSARAM (1Kx16)
(0-wait, Secure)
L3 DPSARAM (4Kx16)
(0-wait, Secure)
L4 SARAM (8Kx16)
(0-wait, Secure)
Code
Security
Module
(CSM)
OTP 1Kx16
Secure
FLASH
128Kx16
8 equal sectors
Secure
PUMP
OTP/Flash
Wrapper
32-bit Peripheral
Bus
McBSP-A
TMS320F28PLC84, TMS320F28PLC83
www.ti.com
SPRS802 – SEPTEMBER 2014
1.4
Functional Block Diagram
Figure 1-1 shows a functional block diagram of the device.
A.
Not all peripheral pins are available at the same time due to multiplexing.
Figure 1-1. Functional Block Diagram
Copyright © 2014, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: TMS320F28PLC84 TMS320F28PLC83


Similar Part No. - TMS320F28PLC83PNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28PLC83PNTR TI1-TMS320F28PLC83PNTR Datasheet
92Kb / 6P
[Old version datasheet]   TMS320F28PLC83 Power Line Communication (PLC) Microcontroller Technical Brief
More results

Similar Description - TMS320F28PLC83PNTR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
   Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
   Communications Processors
P1010NSN5HHA FREESCALE-P1010NSN5HHA Datasheet
209Kb / 2P
   Communications Processors
P1011NXN2HFB FREESCALE-P1011NXN2HFB Datasheet
387Kb / 2P
   communications processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
   communications processors
logo
NXP Semiconductors
T1024 NXP-T1024 Datasheet
142Kb / 3P
   Communications Processors
2014-2015
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
   Power Line Communications
Rev. PrA
logo
Intersil Corporation
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
   Power Line Communication PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com