Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28069FPNT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28069FPNT
Description  Fast Interrupt Response and Processing
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069FPNT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320F28069FPNT Datasheet HTML 4Page - Texas Instruments TMS320F28069FPNT Datasheet HTML 5Page - Texas Instruments TMS320F28069FPNT Datasheet HTML 6Page - Texas Instruments TMS320F28069FPNT Datasheet HTML 7Page - Texas Instruments TMS320F28069FPNT Datasheet HTML 8Page - Texas Instruments TMS320F28069FPNT Datasheet HTML 9Page - Texas Instruments TMS320F28069FPNT Datasheet HTML 10Page - Texas Instruments TMS320F28069FPNT Datasheet HTML 11Page - Texas Instruments TMS320F28069FPNT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 177 page
background image
Copyright © 2010–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
8
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
www.ti.com
Table 3-1. Device Comparison (continued)
FEATURE
TYPE
(1)
28069
28069U
(2) (3)
28069M
(2) (4)
28069F
(2) (4)
(90 MHz)
28068
28068U
(2) (3)
28068M
(2) (4)
28068F
(2) (4)
(90 MHz)
28067
28067U
(2) (3)
(90 MHz)
28066
28066U
(2) (3)
(90 MHz)
28065
28065U
(2) (3)
(90 MHz)
28064
28064U
(2) (3)
(90 MHz)
28063
28063U
(2) (3)
(90 MHz)
28062
28062U
(2) (3)
28062F
(2) (4)
(90 MHz)
Package Type
(PFP and PZP are PowerPAD HTQFPs.
PN and PZ are LQFPs.)
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
(5)
"Q" refers to Q100 qualification for automotive applications.
McBSP
1
1
1
1
1
1
1
1
1
eCAN
0
1
1
1
1
1
1
1
1
SPI
1
2
2
2
2
2
2
2
2
SCI
0
2
2
2
2
2
2
2
2
USB
0
1
(2)
1
(2)
1
(2)
1
(2)
1
(2)
1
(2)
1
(2)
1
(2)
2-pin Oscillator
1
1
1
1
1
1
1
1
0-pin Oscillator
2
2
2
2
2
2
2
2
I/O pins
(shared)
GPIO
54
40
54
40
54
40
54
40
54
40
54
40
54
40
54
40
AIO
6
6
6
6
6
6
6
6
External interrupts
3
3
3
3
3
3
3
3
Supply voltage (nominal)
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
Temperature
options
T: –40°C to 105°C
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
PZ
PN
S: –40°C to 125°C
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
Q: –40°C to 125°C
(3) (5)
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP
PZP
PFP


Similar Part No. - TMS320F28069FPNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28069FPNT TI-TMS320F28069FPNT Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPNT TI-TMS320F28069FPNT Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPNT TI1-TMS320F28069FPNT Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPNT TI1-TMS320F28069FPNT Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPNT TI1-TMS320F28069FPNT Datasheet
2Mb / 179P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28069FPNT

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2729800 PHOENIX-2729800 Datasheet
84Kb / 5P
   Fast inputs for interrupt processing, event counting, and period measurement
2862288 PHOENIX-2862288 Datasheet
80Kb / 5P
   Fast inputs for interrupt processing, event counting, and period measurement
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
logo
Texas Instruments
LM306 TI1-LM306_14 Datasheet
313Kb / 15P
[Old version datasheet]   Fast Response Times Improved Gain and Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com