Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS32VC549PGE100G4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS32VC549PGE100G4
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS32VC549PGE100G4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS32VC549PGE100G4 Datasheet HTML 4Page - Texas Instruments TMS32VC549PGE100G4 Datasheet HTML 5Page - Texas Instruments TMS32VC549PGE100G4 Datasheet HTML 6Page - Texas Instruments TMS32VC549PGE100G4 Datasheet HTML 7Page - Texas Instruments TMS32VC549PGE100G4 Datasheet HTML 8Page - Texas Instruments TMS32VC549PGE100G4 Datasheet HTML 9Page - Texas Instruments TMS32VC549PGE100G4 Datasheet HTML 10Page - Texas Instruments TMS32VC549PGE100G4 Datasheet HTML 11Page - Texas Instruments TMS32VC549PGE100G4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
VSS
A10
A11
A12
A13
A14
A15
CVDD
VSS
CVDD
READY
PS
DS
IS
R/W
MSTRB
IOSTRB
MSC
XF
HOLDA
HOLD
BIO
MP/MC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
VSS
TMS320LC546
PZ PACKAGE†
(TOP VIEW)
IAQ
D5
D4
D3
D2
D1
D0
RS
X2/CLKIN
X1
VSS
CVDD
VSS
TMS
TCK
TRST
TDI
TDO
EMU1/OFF
EMU0
TOUT
CLKMD3
CLKMD2
CLKMD1
CLKOUT
CNT
† DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU, and VSS is the ground for both the I/O pins and the
core CPU.
The ’54x signal descriptions table lists each terminal name, function, and operating mode(s) for the for the
TMS320LC546PZ (100-pin TQFP package).
For the ’LC546 (100-pin TQFP package), the letter B in front of CLKR, FSR, DR, FSX, and DX denotes buffered
serial port (BSP). No letter in front of CLKR, FSR, DR, FSX, and DX denotes standard serial port.


Similar Part No. - TMS32VC549PGE100G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS32VC549PGE100G4 TI1-TMS32VC549PGE100G4 Datasheet
866Kb / 64P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS32VC549PGE100G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com