Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC509AU Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MPC509AU
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC509AU Datasheet(HTML) 1 Page - Texas Instruments

  MPC509AU Datasheet HTML 1Page - Texas Instruments MPC509AU Datasheet HTML 2Page - Texas Instruments MPC509AU Datasheet HTML 3Page - Texas Instruments MPC509AU Datasheet HTML 4Page - Texas Instruments MPC509AU Datasheet HTML 5Page - Texas Instruments MPC509AU Datasheet HTML 6Page - Texas Instruments MPC509AU Datasheet HTML 7Page - Texas Instruments MPC509AU Datasheet HTML 8Page - Texas Instruments MPC509AU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SBFS019A – JANUARY 1988 — REVISED OCTOBER 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1998-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
MPC508A
MPC509A
FUNCTIONAL DIAGRAMS
Single-Ended 8-Channel/Differential 4-Channel
CMOS ANALOG MULTIPLEXERS
FEATURES
q
ANALOG OVERVOLTAGE PROTECTION: 70VPP
q
NO CHANNEL INTERACTION DURING
OVERVOLTAGE
q
BREAK-BEFORE-MAKE SWITCHING
q
ANALOG SIGNAL RANGE:
±15V
q
STANDBY POWER: 7.5mW typ
q
TRUE SECOND SOURCE
Level
Shift
1k
1k
1k
Overvoltage
Clamp and
Signal
Isolation
5V
Ref
Decoder/
Driver
NOTE: (1) Digital
Input Protection.
In 1A
In 1B
In 4B
MPC509A
A
0 A1
EN
Out A
1k
In 4A
Out B
(1) (1)
(1)
Level
Shift
1k
1k
1k
Overvoltage
Clamp and
Signal
Isolation
5V
Ref
Decoder/
Driver
NOTE: (1) Digital
Input Protection.
In 1
In 2
In 8
MPC508A
A
0 A1 A2
EN
(1)
Out
(1)
(1)
(1)
DESCRIPTION
The MPC508A is an 8-channel single-ended analog
multiplexer and the MPC509A is a 4-channel differential
multiplexer.
The MPC508A and MPC509A multiplexers have input
overvoltage protection. Analog input voltages may exceed
either power supply voltage without damaging the device or
disturbing the signal path of other channels. The protection
circuitry assures that signal fidelity is maintained even under
fault conditions that would destroy other multiplexers. Analog
inputs can withstand 70VPP signal levels and standard ESD
tests. Signal sources are protected from short circuits should
multiplexer power loss occur; each input presents a 1k
resistance under this condition. Digital inputs can also sustain
continuous faults up to 4V greater than either supply voltage.
These features make the MPC508A and MPC509A ideal for
use in systems where the analog signals originate from
external equipment or separately powered sources.
The MPC508A and MPC509A are fabricated with Burr-
Brown’s dielectrically isolated CMOS technology. The
multiplexers are available in plastic DIP and plastic SOIC
packages. Temperature range is –40
°C to +85°C.
MPC508
MPC509


Similar Part No. - MPC509AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC509AU BURR-BROWN-MPC509AU Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC509AU BURR-BROWN-MPC509AU Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC509AU BURR-BROWN-MPC509AU Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC509AU/1K BURR-BROWN-MPC509AU/1K Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC509AU/1K BURR-BROWN-MPC509AU/1K Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results

Similar Description - MPC509AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com