Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37N3869-MD Datasheet(PDF) 10 Page - SMSC Corporation

Part # FDC37N3869-MD
Description  3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N3869-MD Datasheet(HTML) 10 Page - SMSC Corporation

Back Button FDC37N3869-MD Datasheet HTML 6Page - SMSC Corporation FDC37N3869-MD Datasheet HTML 7Page - SMSC Corporation FDC37N3869-MD Datasheet HTML 8Page - SMSC Corporation FDC37N3869-MD Datasheet HTML 9Page - SMSC Corporation FDC37N3869-MD Datasheet HTML 10Page - SMSC Corporation FDC37N3869-MD Datasheet HTML 11Page - SMSC Corporation FDC37N3869-MD Datasheet HTML 12Page - SMSC Corporation FDC37N3869-MD Datasheet HTML 13Page - SMSC Corporation FDC37N3869-MD Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
SMSC DS – FDC37N3869
Page 10
Rev. 10/25/2000
TQFP
PIN #
NAME
SYMBOL
BUFFER
MODE
6
DESCRIPTION
8
nWrite
Gate
nWGATE
(O12/ OD12) This active low high current driver allows current to
flow through the write head. It becomes active just
prior to writing to the diskette.
7
nWrite
Data
nWDATA
(O12/ OD12) This active low high current driver provides the
encoded data to the disk drive. Each falling edge
causes a flux transition on the media.
9
nHead
Select
nHDSEL
(O12/ OD12) This high current output selects the floppy disk side
for reading or writing. A logic “1” on this pin means
side 0 will be accessed, while a logic “0” means
side 1 will be accessed.
5
Direction
Control
nDIR
(O12/ OD12) This high current low active output determines the
direction of the head movement. A logic “1” on this
pin means outward motion, while a logic “0” means
inward motion.
6
nStep Pulse
nSTEP
(O12/ OD12) This active low high current driver issues a low
pulse for each track-to-track movement of the head.
15
Disk Change nDSKCHG
IS
This input senses that the drive door is open or that
the diskette has possibly been changed since the
last drive selection. This input is inverted and read
via bit 7 of I/O address 3F7H. The nDSKCHG bit
also depends upon the state of the Force Disk
Change bits in the Force FDD Status Change
configuration register (see section CR17 on page
107).
2
nDrive
Select 0
nDS0
(O12/ OD12) Active low output selects drive 0.
100
nMotor On 0 nMTR0
(O12/ OD12) These active low output selects motor drive 0.
99
Drive
Density 0
DRVDEN0
(O12/ OD12) Indicates the drive and media selected. Refer to
configuration registers CR03, CR0B, CR1F.
12
nWrite
Protected
nWRTPRT
IS
This active low Schmitt Trigger input senses from
the disk drive that a disk is write protected. Any
write command is ignored. The nWRPRT bit also
depends upon the state of the Force Write Protect
bit in the Force FDD Status Change configuration
register (see section CR17 on page 107).
11
wTrack 00
nTRK0
IS
This active low Schmitt Trigger input senses from
the disk drive that the head is positioned over the
outermost track.
10
nIndex
nINDEX
IS
This active low Schmitt Trigger input senses from
the disk drive that the head is positioned over the
beginning of a track, as marked by an index hole.
16
Drive
Density 1
DRVDEN 1 (O12/ OD12) Indicates the drive and media selected. Refer to
configuration registers CR03, CR0B, CR1F.
SERIAL PORTS INTERFACE
86
Receive
Data 2
RXD2
IS
Receiver serial data input for port 2. IR Receive
Data
87
Transmit
Data 2
(Note
5)
TXD2
O12PD
Transmit serial data output for port 2. IR transmit
data.
76
Receive
Data 1
RXD1
I
Receiver serial data input for port 1.
77
Transmit
Data 1
TXD1
O12
Transmit serial data output for port 1.


Similar Part No. - FDC37N3869-MD

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
logo
Agilent(Hewlett-Packard...
FDC37N769 HP-FDC37N769 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37N869 SMSC-FDC37N869 Datasheet
449Kb / 147P
   5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
More results

Similar Description - FDC37N3869-MD

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N869 SMSC-FDC37N869 Datasheet
449Kb / 147P
   5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Winbond
W83787IF WINBOND-W83787IF Datasheet
1Mb / 123P
   WINBOND I/O WITH SERIAL-INFRARED SUPPORT
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com