Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5611S7X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5611S7X
Description  Low-Dropout LED Drivers for White, Blue or any Color LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5611S7X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5611S7X Datasheet HTML 1Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 2Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 3Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 4Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 5Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 6Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 7Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 8Page - Fairchild Semiconductor FAN5611S7X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.fairchildsemi.com
REV. 1.0.4 6/4/04
Typical Applications
ISET
RSET
I1
I2
I3
I4
VIN
GND
FAN5611
Four Diode Control
CTRL
VCONTROL (3V)
ISET
RSET
I1
I2
I3
I4
VIN
GND
FAN5613
Four Diode Control With ON/OFF
CTRL
VCONTROL (3V)
ENABLE
ON/OFF
RSET
Two Diode Control with ON/OFF
I3/I4
I1/I2
VIN
GND
FAN5614
CTRL
VCONTROL (3V)
ISET
ON/OFF
ENABLE
RSET
Three Diode Control with ON/OFF
I1
I2
I3
VIN
GND
FAN5612
CTRL
VCONTROL (3V)
ISET
ON/OFF
ENABLE
Features
• LED Drivers for parallel-connected LEDs
• Ultra-low voltage drop (< 300mV) to support direct
Li-ion applications
• No EMI, no switching noise
• No external components needed for current matching
• Both analog and PWM brightness control
•FAN5611, FAN5613 feature up to 160mA bias current
(up to 40mA for each LED)
•FAN5612 features up to 120mA bias current (up to 40mA
for each LED)
•FAN5614 features up to 160mA bias current (up to 80mA
for each LED)
• Enable/Shutdown control (FAN5612, FAN5613,
FAN5614)
• Shutdown current < 1
µA
• Small footprint SC-70 and 2x2 MLP
Applications
• Cell Phones
•PDA, DSC, MP3 Players
• Handheld Computers
• LCD Display Modules
•Keyboard Backlight
• LED Displays
General Description
The FAN5611/FAN5612/FAN5613/FAN5614 driver family
provides matched current source bias for white, blue or any
color LEDs. The current in the LEDs can be programmed by
an external resistor. The individual LED currents are 200 x
ISET, where ISET is the current through the external resistor
connected to the CTRL pin. The FAN5611 and the FAN5613
are capable of driving four LEDs, while the FAN5612 can
drive three LEDs. The FAN5614 is designated to drive two
high current LEDs. In any case, at least I1 should be always
connected to an LED in order to have the other LEDs driven
with a matched current to I1.
The FAN5612, FAN5613 and FAN5614 have Enable pin.
When these devices are disabled, the supply current drops to
less than 1
µA.
The FAN5611, FAN5612 and FAN5614 drivers are available
in a 6-lead SC-70 package. The FAN5613 is available in an
8-lead MLP package.
FAN5611/FAN5612/FAN5613/FAN5614
Low-Dropout LED Drivers for White, Blue or any
Color LED


Similar Part No. - FAN5611S7X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5611S7X FAIRCHILD-FAN5611S7X Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
More results

Similar Description - FAN5611S7X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
FAN5610 FAIRCHILD-FAN5610 Datasheet
105Kb / 10P
   LED Driver for White, Blue or any Color LED
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
   Low Dropout LED Driver for any Color LED
logo
TEXAS ADVANCED OPTOELEC...
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101 Datasheet
256Kb / 13P
   Low-Dropout LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com