Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5613MPX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5613MPX
Description  Low-Dropout LED Drivers for White, Blue or any Color LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5613MPX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5613MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5613MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5613MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5613MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5613MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5613MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5613MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5613MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5613MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
FAN5611/FAN5612/FAN5613/FAN5614
REV. 1.0.4 6/4/04
3
Absolute Maximum Ratings (Note1)
Recommended Operating Conditions
Notes:
1. Functional operation under these conditions is NOT implied. Performance and reliability are guaranteed only if Operating
Conditions are not exceeded.
2. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model)
Parameter
Min
Max
Unit
VI1, VI2, VI3, VI4 and ENABLE Voltage to GND
-0.3
6
V
CTRL Voltage to GND
-0.3
3
Power Dissipated by package at TA = 85°C
6 Lead-SC70
190
mW
8 Lead-MLP2X2
700
I1, I2, I3, I4 Steady State Current
FAN5611/12/13
40
mA
I1/I2, I3/I4 Steady State Current
FAN5614
80
Lead Temperature (Soldering 10 seconds)
300
°C
Junction Temperature
150
°C
Storage Temperature
-55
150
°C
Electrostatic Discharge Protection (ESD) Level
(Note2)
HBM
4
kV
CDM
1
Parameter
Min
Typ
Max
Unit
LED Cathode Voltage
FAN5611, FAN5612, FAN5613
0.3
0.5
1
V
FAN5614
0.15
Ambient Temperature
-40
25
85
°C


Similar Part No. - FAN5613MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5613MPX FAIRCHILD-FAN5613MPX Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
More results

Similar Description - FAN5613MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
FAN5610 FAIRCHILD-FAN5610 Datasheet
105Kb / 10P
   LED Driver for White, Blue or any Color LED
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
   Low Dropout LED Driver for any Color LED
logo
TEXAS ADVANCED OPTOELEC...
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101 Datasheet
256Kb / 13P
   Low-Dropout LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com