Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF15P12 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQPF15P12
Description  120V P-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF15P12 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQPF15P12 Datasheet HTML 1Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 2Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 3Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 4Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 5Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 6Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 7Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 8Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev. A, December 2003
©2003 Fairchild Semiconductor Corporation
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
10
-1
10
0
10
1
10
2
V
GS
Top :
-15.0 V
-10.0 V
-8.0 V
-7.0 V
-6.0 V
-5.5 V
-5.0 V
Bottom :
-4.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
-V
DS, Drain-Source Voltage [V]
246
8
10
10
-1
10
0
10
1
10
2
175
oC
25
oC
-55
oC
※ Notes :
1. V
DS = -40V
2. 250μ s Pulse Test
-V
GS, Gate-Source Voltage [V]
0
204060
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
GS = -20V
V
GS = -10V
※ Note : T
J = 25
-I
D, Drain Current [A]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
-1
10
0
10
1
175℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
-V
SD, Source-Drain voltage [V]
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS, Drain-Source Voltage [V]
0
10203040
0
2
4
6
8
10
12
V
DS = -60V
V
DS = -30V
V
DS = -96V
※ Note : I
D = -15A
Q
G, Total Gate Charge [nC]
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Similar Part No. - FQPF15P12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF10N20 FAIRCHILD-FQPF10N20 Datasheet
777Kb / 8P
   200V N-Channel MOSFET
FQPF10N20C FAIRCHILD-FQPF10N20C Datasheet
875Kb / 10P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF10N20C ISC-FQPF10N20C Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF10N20L FAIRCHILD-FQPF10N20L Datasheet
569Kb / 8P
   200V LOGIC N-Channel MOSFET
FQPF10N50CF FAIRCHILD-FQPF10N50CF Datasheet
992Kb / 10P
   500V N-Channel MOSFET Improved dv/dt capability
More results

Similar Description - FQPF15P12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB15P12 FAIRCHILD-FQB15P12 Datasheet
652Kb / 9P
   120V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM15P12 KERSEMI-KSM15P12 Datasheet
2Mb / 7P
   120V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
   120V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
   120V N-Channel MOSFET
FQP32N12V2 FAIRCHILD-FQP32N12V2 Datasheet
857Kb / 10P
   120V N-Channel MOSFET
logo
PFC Device Inc.
PRM010N12CT PFC-PRM010N12CT Datasheet
809Kb / 8P
   120V Single N-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com