Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF15P12 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQPF15P12
Description  120V P-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF15P12 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQPF15P12 Datasheet HTML 1Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 2Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 3Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 4Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 5Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 6Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 7Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 8Page - Fairchild Semiconductor FQPF15P12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. A, December 2003
©2003 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 6.0mH, IAS = -15A, VDD = -50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ -15A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
-120
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, Referenced to 25°C
--
-0.13
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -120 V, VGS = 0 V
--
--
-1
µA
VDS = -96 V, TC = 150°C
--
--
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -30 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 30 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-2.0
--
-4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -7.5 A
--
0.17
0.2
gFS
Forward Transconductance
VDS = -40 V, ID = -7.5 A
(Note 4)
--
9.5
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
850
1100
pF
Coss
Output Capacitance
--
310
400
pF
Crss
Reverse Transfer Capacitance
--
110
140
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -60 V, ID = -15 A,
RG = 25 Ω
(Note 4, 5)
--
15
40
ns
tr
Turn-On Rise Time
--
100
210
ns
td(off)
Turn-Off Delay Time
--
80
170
ns
tf
Turn-Off Fall Time
--
80
170
ns
Qg
Total Gate Charge
VDS = -96 V, ID = -15 A,
VGS = -10 V
(Note 4, 5)
--
29
38
nC
Qgs
Gate-Source Charge
--
5.1
--
nC
Qgd
Gate-Drain Charge
--
15
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-15
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-60
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -15 A
--
--
-4.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -15 A,
dIF / dt = 100 A/µs
(Note 4)
--
126
--
ns
Qrr
Reverse Recovery Charge
--
0.61
--
µC


Similar Part No. - FQPF15P12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF10N20 FAIRCHILD-FQPF10N20 Datasheet
777Kb / 8P
   200V N-Channel MOSFET
FQPF10N20C FAIRCHILD-FQPF10N20C Datasheet
875Kb / 10P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF10N20C ISC-FQPF10N20C Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF10N20L FAIRCHILD-FQPF10N20L Datasheet
569Kb / 8P
   200V LOGIC N-Channel MOSFET
FQPF10N50CF FAIRCHILD-FQPF10N50CF Datasheet
992Kb / 10P
   500V N-Channel MOSFET Improved dv/dt capability
More results

Similar Description - FQPF15P12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB15P12 FAIRCHILD-FQB15P12 Datasheet
652Kb / 9P
   120V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM15P12 KERSEMI-KSM15P12 Datasheet
2Mb / 7P
   120V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
   120V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
   120V N-Channel MOSFET
FQP32N12V2 FAIRCHILD-FQP32N12V2 Datasheet
857Kb / 10P
   120V N-Channel MOSFET
logo
PFC Device Inc.
PRM010N12CT PFC-PRM010N12CT Datasheet
809Kb / 8P
   120V Single N-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com