Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCBG410QB1C05 Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FCBG410QB1C05
Description  Quadwire짰 40 Gb/s Parallel Active Optical Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBG410QB1C05 Datasheet(HTML) 3 Page - Finisar Corporation.

  FCBG410QB1C05 Datasheet HTML 1Page - Finisar Corporation. FCBG410QB1C05 Datasheet HTML 2Page - Finisar Corporation. FCBG410QB1C05 Datasheet HTML 3Page - Finisar Corporation. FCBG410QB1C05 Datasheet HTML 4Page - Finisar Corporation. FCBG410QB1C05 Datasheet HTML 5Page - Finisar Corporation. FCBG410QB1C05 Datasheet HTML 6Page - Finisar Corporation. FCBG410QB1C05 Datasheet HTML 7Page - Finisar Corporation. FCBG410QB1C05 Datasheet HTML 8Page - Finisar Corporation. FCBG410QB1C05 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FCBG410QB1Cxx Product Specification – December 2013
F i n i s a r
 Finisar Corporation – 11-Dec-13 Rev B7
Page 3
26
GND
Ground
1
27
ModPrsL
Module Present
28
IntL
Interrupt
29
Vcc Tx
+3.3 V Power supply transmitter
30
Vcc1
+3.3 V Power Supply
31
LPMode
Low Power Mode
32
GND
Ground
1
33
Tx3p
Transmitter Non-Inverted Data Input
34
Tx3n
Transmitter Inverted Data Input
35
GND
Ground
1
36
Tx1p
Transmitter Non-Inverted Data Input
37
Tx1n
Transmitter Inverted Data Input
38
GND
Ground
1
Notes
1.
Circuit ground is internally isolated from chassis ground.
II.
General Product Characteristics
Parameter
Value
Unit
Notes
Module Form Factor
QSFP
Number of Lanes
4 Tx and 4 Rx
Maximum Aggregate Data Rate
42.0
Gb/s
Maximum Data Rate per Lane
10.5
Gb/s
Up to 12.5 Gb/s can be supported.
Please contact Finisar.
Standard Cable Lengths
3, 5, 10, 15, 20, 30, 50, 100
meters
Other lengths may be available
upon request (< 300m)
Protocols Supported
Typical applications include
Infiniband, Fibre Channel,
40G Ethernet, SATA/SAS3
Electrical Interface and Pin-out
38-pin edge connector
Pin-out as defined by the
QSFP MSA
Standard Optical Cable Type
Multimode ribbon fiber
cable assembly, riser-rated
Maximum Power Consumption
per End
1.3
Watts
Varies with output voltage swing
and pre-emphasis settings
(see Figure 5)
Management Interface
Serial, I2C-based, 400 kHz
maximum frequency
As defined by the QSFP MSA
Data Rate Specifications
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate per Lane
BR
1000
10500
Mb/sec
1
Bit Error Ratio
BER
10
-12
2
Notes:
1.
1/10 Gigabit Ethernet and 1/2/4/8/10G Fibre Channel compliant.
2.
Tested with a PRBS 2
31-1 test pattern.


Similar Part No. - FCBG410QB1C05

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG110SD1C01 FINISAR-FCBG110SD1C01 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
   FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
logo
Finisar Corporation.
FCBG110SD1C02 FINISAR-FCBG110SD1C02 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
FCBG110SD1C03 FINISAR-FCBG110SD1C03 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C03-C ATGBICS-FCBG110SD1C03-C Datasheet
151Kb / 3P
   FCBG110SD1C03 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
More results

Similar Description - FCBG410QB1C05

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
FCBGD10CD1C03 FINISAR-FCBGD10CD1C03 Datasheet
382Kb / 13P
   C.wire 120 Gb/s Parallel Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com