Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCBN425QE1CXX Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FCBN425QE1CXX
Description  100G Quadwire짰 QSFP28 Active Optical Cable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QE1CXX Datasheet(HTML) 5 Page - Finisar Corporation.

  FCBN425QE1CXX Datasheet HTML 1Page - Finisar Corporation. FCBN425QE1CXX Datasheet HTML 2Page - Finisar Corporation. FCBN425QE1CXX Datasheet HTML 3Page - Finisar Corporation. FCBN425QE1CXX Datasheet HTML 4Page - Finisar Corporation. FCBN425QE1CXX Datasheet HTML 5Page - Finisar Corporation. FCBN425QE1CXX Datasheet HTML 6Page - Finisar Corporation. FCBN425QE1CXX Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FCBN425QB1Cxx Product Specification
 Finisar Corporation January 2016
B3
Page 5
Eye Height at 1E-15 probability
EH15
228
mV
Notes:
1.
Maximum total power value is specified across the full temperature and voltage range.
2.
Settable in various discrete steps via the I2C interface.
3.
From power-on and end of any fault conditions.
V.
Memory Map and Control Registers
Compatible with SFF-8636. Please see Finisar Application Note AN-2150
7.
VI.
Environmental Specifications
Finisar 100G Quadwire Active Optical Cables have an operating temperature range from
0°C to +70°C case temperature.
Environmental Specifications
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
70
°C
Storage Temperature
Tsto
-10
70
°C
VII.
Regulatory Compliance
Finisar 100G Quadwire Active Optical Cables are RoHS-6 Compliant. Copies of certificates
to be available at Finisar Corporation upon request.
100G Quadwire Active Optical Cables are Class 1 laser eye safety compliant per IEC
60825-1.
Standard fiber cable type is round-section construction, plenum-rated. Other cable types can
be supported upon request such as LSZH, round-section construction.
VIII. Mechanical Specifications
The 100G Quadwire mechanical specifications are compliant with the QSFP28 transceiver
module specifications (as defined in SFF-8661), substituting the MPO12 receptacle with a
fiber optics cable connecting both ends.


Similar Part No. - FCBN425QE1CXX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN425QE1CX0 FINISAR-FCBN425QE1CX0 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
More results

Similar Description - FCBN425QE1CXX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
AOC-QSFP28-100G-2M-C ATGBICS-AOC-QSFP28-100G-2M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-2M Dell Compatible Active Optical Cable 100G QSFP28 (2m)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com