Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCBG410QB1CX0 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FCBG410QB1CX0
Description  Quadwire짰 40 Gb/s Parallel Active Optical Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBG410QB1CX0 Datasheet(HTML) 4 Page - Finisar Corporation.

  FCBG410QB1CX0 Datasheet HTML 1Page - Finisar Corporation. FCBG410QB1CX0 Datasheet HTML 2Page - Finisar Corporation. FCBG410QB1CX0 Datasheet HTML 3Page - Finisar Corporation. FCBG410QB1CX0 Datasheet HTML 4Page - Finisar Corporation. FCBG410QB1CX0 Datasheet HTML 5Page - Finisar Corporation. FCBG410QB1CX0 Datasheet HTML 6Page - Finisar Corporation. FCBG410QB1CX0 Datasheet HTML 7Page - Finisar Corporation. FCBG410QB1CX0 Datasheet HTML 8Page - Finisar Corporation. FCBG410QB1CX0 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FCBG410QB1Cxx Product Specification – December 2013
F i n i s a r
 Finisar Corporation – 11-Dec-13 Rev B7
Page 4
III.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc1,
VccTx,
VccRx
-0.5
3.6
V
Storage Temperature
TS
-40
85
C
1
Case Operating Temperature
TOP
0
70
C
Relative Humidity
RH
0
85
%
2
Notes:
1.
Limited by the fiber cable jacket, not the active ends.
2.
Non-condensing.
IV.
Electrical Characteristics (TOP = 0 to 70C, VCC = 3.3 ± 5% Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc1,
VccTx,
VccRx
3.15
3.45
V
Supply Current
Icc
350
mA
Link Turn-On Time
Transmit Turn-On Time
2000
ms
1
Transmitter (per Lane)
Differential data input swing
Vin,pp
180
1200
mVpp
2
Differential input threshold
50
mV
Receiver (per Lane)
Differential data output swing
Vout,pp
0
800
mVpp
3,4
Power Supply Ripple Tolerance
PSR
50
mVpp
Notes:
1.
From power-on and end of any fault conditions.
2.
AC coupled internally. See Figure 2 for input eye mask requirements. Self-biasing 100 differential
input.
3.
AC coupled with 100 differential output impedance. See Figure 3 for output eye mask.
4.
Settable in 4 discrete steps. See Figure 5 for Vo settings


Similar Part No. - FCBG410QB1CX0

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG110SD1C01 FINISAR-FCBG110SD1C01 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
   FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
logo
Finisar Corporation.
FCBG110SD1C02 FINISAR-FCBG110SD1C02 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
FCBG110SD1C03 FINISAR-FCBG110SD1C03 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C03-C ATGBICS-FCBG110SD1C03-C Datasheet
151Kb / 3P
   FCBG110SD1C03 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
More results

Similar Description - FCBG410QB1CX0

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
FCBGD10CD1C03 FINISAR-FCBGD10CD1C03 Datasheet
382Kb / 13P
   C.wire 120 Gb/s Parallel Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL_15 Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com