Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX6824MCC Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLX6824MCC
Description  1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX6824MCC Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLX6824MCC Datasheet HTML 1Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 2Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 3Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 4Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 5Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 6Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 7Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 8Page - Finisar Corporation. FTLX6824MCC Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 Finisar Corporation August 2015
Rev. B1
Page 1
Product Specification
+1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
FTLX6824MCC
PRODUCT FEATURES
• Supports 8.5Gb/s to 11.35Gb/s
• -300 to +1600 ps/nm Dispersion
Tolerance
• Supports 50GHz ITU-based
channel spacing (C-Band) with a
wavelength locker
• Monolithic MZM Tunable TOSA
• Temperature range: -5°C to 70°C
• RoHS-6 Compliant (lead-free)
• Power dissipation <3.5W
• Built-in digital diagnostic functions
• High performance APD Receiver
• Adjustable receiver threshold with
option for automatic optimization
through FEC feedback
APPLICATIONS
• DWDM 10Gb/s SONET/SDH
• DWDM 10Gb/s Ethernet & 10Gb/s
Fibre Channel
• DWDM 10Gb/s SONET/SDH w/FEC
• DWDM 10Gb/s Ethernet and 10Gb/s
Fibre Channel w/FEC
The FTLX6824MCC Small Form Factor 10 Gb/s (XFP) transceiver is Finisar’s next
generation T-XFP design and it complies with the XFP Multi-Source Agreement (MSA)
Specification
1
while supporting advanced performance enhancements. It supports
amplified DWDM 10 Gb/s SONET/SDH, 10 Gigabit Ethernet, and 10 Gigabit Fibre
Channel applications over 80km of fiber without dispersion compensation. Digital
diagnostics functions are available via a 2-wire serial interface, as specified in the XFP
MSA. The optical transceiver is compliant per the RoHS Directive 2011/65/EU
3. See
Finisar Application Note AN-2038 for more details
4.
PRODUCT SELECTION:
FTLX6824MCC – Standard Gen2 T-XFP


Similar Part No. - FTLX6824MCC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6824MNC FINISAR-FTLX6824MNC Datasheet
414Kb / 17P
   1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
More results

Similar Description - FTLX6824MCC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6811MCC FINISAR-FTLX6811MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6814MCC FINISAR-FTLX6814MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6824MNC FINISAR-FTLX6824MNC Datasheet
414Kb / 17P
   1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
FTLX6825MCC FINISAR-FTLX6825MCC Datasheet
414Kb / 17P
   1600 ps/nm (80km) High Optical Output Power Tunable XFP Optical Transceiver
FTLX6624MCC-XX FINISAR-FTLX6624MCC-XX Datasheet
435Kb / 17P
   /-800 ps/nm (40km) Gen2 Tunable XFP Optical Transceiver
FTLX6614MCC FINISAR-FTLX6614MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6611MCC FINISAR-FTLX6611MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX4213X3XXXX FINISAR-FTLX4213X3XXXX Datasheet
622Kb / 14P
   3200 ps/nm (~200km) DWDM XFP Optical Transceiver
FTLX4213M3BCL FINISAR-FTLX4213M3BCL Datasheet
564Kb / 11P
   2400 ps/nm (~120km) TDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com