Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX6824MNC Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX6824MNC
Description  1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX6824MNC Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX6824MNC Datasheet HTML 1Page - Finisar Corporation. FTLX6824MNC Datasheet HTML 2Page - Finisar Corporation. FTLX6824MNC Datasheet HTML 3Page - Finisar Corporation. FTLX6824MNC Datasheet HTML 4Page - Finisar Corporation. FTLX6824MNC Datasheet HTML 5Page - Finisar Corporation. FTLX6824MNC Datasheet HTML 6Page - Finisar Corporation. FTLX6824MNC Datasheet HTML 7Page - Finisar Corporation. FTLX6824MNC Datasheet HTML 8Page - Finisar Corporation. FTLX6824MNC Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
FTLX6824MNC Product Specification
 Finisar Corporation August 2015
Rev. B1
Page 4
III.
Electrical Characteristics (EOL, Over Temperature and Wavelength Range)
FTLX6824MNC
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage #1
Vcc3
3.13
3.46
V
Supply Voltage #2
Vcc5
4.75
5.25
V
Supply Current – Vcc5 supply
Icc5
650
mA
Supply Current – Vcc3 supply
Icc3
750
mA
Module total power dissipation
P
4.5
W
Transmitter
Input differential impedance
Rin
100
2
Differential data input swing
Vin,pp
120
820
mV
Transmit Disable Voltage
VD
2.0
Vcc
V
3
Transmit Enable Voltage
VEN
GND
GND+ 0.8
V
Receiver
Differential data output swing
Vout,pp
500
850
mV
4
Data output rise time
tr
40
ps
5
Data output fall time
tf
40
ps
5
LOS Fault
VLOS fault
Vcc – 0.5
VccHOST
V
6
LOS Normal
VLOS norm
GND
GND+0.5
V
6
Power Supply Rejection
PSR
See Note 7 below
7
Reference Clock (AC-Coupled)
Single-ended peak to peak voltage
swing
VSEPP
200
900
mV
Single-ended resistance
RL
40
50
60
Frequency clock tolerance
Δf
-100
+100
ppm
Duty cycle
-
40
60
%
Notes:
1.
Maximum total power value is specified across the full temperature and voltage range.
2.
After internal AC coupling.
3.
Or open circuit.
4.
Into 100 ohms differential termination.
5.
20 – 80 %
6.
Loss Of Signal is open collector to be pulled up with a 4.7k – 10kohm resistor to 3.15 – 3.6V. Logic 0
indicates normal operation; logic 1 indicates no signal detected.
7.
Per Section 2.7.1. in the XFP MSA Specification
1.


Similar Part No. - FTLX6824MNC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6824MCC FINISAR-FTLX6824MCC Datasheet
416Kb / 18P
   1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
More results

Similar Description - FTLX6824MNC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6811MCC FINISAR-FTLX6811MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6814MCC FINISAR-FTLX6814MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6824MCC FINISAR-FTLX6824MCC Datasheet
416Kb / 18P
   1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
FTLX6825MCC FINISAR-FTLX6825MCC Datasheet
414Kb / 17P
   1600 ps/nm (80km) High Optical Output Power Tunable XFP Optical Transceiver
FTLX6614MCC FINISAR-FTLX6614MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6611MCC FINISAR-FTLX6611MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6624MCC-XX FINISAR-FTLX6624MCC-XX Datasheet
435Kb / 17P
   /-800 ps/nm (40km) Gen2 Tunable XFP Optical Transceiver
FTLX4213X3XXXX FINISAR-FTLX4213X3XXXX Datasheet
622Kb / 14P
   3200 ps/nm (~200km) DWDM XFP Optical Transceiver
FTLX4213M3BCL FINISAR-FTLX4213M3BCL Datasheet
564Kb / 11P
   2400 ps/nm (~120km) TDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com