Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8139C Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RTL8139C
Description  REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8139C Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RTL8139C Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
RTL8139C(L)
2002/01/10
Rev.1.4
39
Bit
Symbol
Description
15
DPERR
Detected Parity Error: When set indicates that the RTL8139C(L) detected a parity error, even if parity
error handling is disabled in command register PERRSP bit.
14
SSERR
Signaled System Error: When set indicates that the RTL8139C(L) asserted the system error pin, SERRB.
Writing a 1 clears this bit to 0.
13
RMABT
Received Master Abort: When set indicates that the RTL8139C(L) terminated a master transaction with
master abort. Writing a 1 clears this bit to 0.
12
RTABT
Received Target Abort: When set indicates that the RTL8139C(L) master transaction was terminated due
to a target abort. Writing a 1 clears this bit to 0.
11
STABT
Signaled Target Abort: Set to 1 whenever the RTL8139C(L) terminates a transaction with target abort.
Writing a 1 clears this bit to 0.
10-9
DST1-0
Device Select Timing: These bits encode the timing of DEVSELB. They are set to 01b (medium),
indicating the RTL8139C(L) will assert DEVSELB two clocks after FRAMEB is asserted.
8
DPD
Data Parity error Detected:
This bit sets when the following conditions are met:
• The RTL8139C(L) asserts parity error(PERRB pin) or it senses the assertion of PERRB pin by another
device.
• The RTL8139C(L) operates as a bus master for the operation that caused the error.
• The Command register PERRSP bit is set.
Writing a 1 clears this bit to 0.
7
FBBC
Fast Back-To-Back Capable: Config3<FbtBEn>=0, Read as 0, write operation has no effect.
Config3<FbtBEn>=1, Read as 1.
6
UDF
User Definable Features Supported: Read as 0, write operation has no effect. The RTL8139C(L) does
not support UDF.
5
66MHz
66 MHz Capable: Read as 0, write operation has no effect. The RTL8139C(L) has no 66MHz capability.
4
NewCap
New Capability: Config3<PMEn>=0, Read as 0, write operation has no effect. Config3<PMEn>=1, Read as
1.
0-3
-
Reserved
RID: Revision ID Register
The Revision ID register is an 8-bit register that specifies the RTL8139C(L) controller revision number.
PIFR: Programming Interface Register
The programming interface register is an 8-bit register that identifies the programming interface of the RTL8139C(L)
controller. Because the PCI version 2.1 specification does not define any specific value for network devices, PIFR = 00h.
SCR: Sub-Class Register
The Sub-class register is an 8-bit register that identifies the function of the RTL8139C(L). SCR = 00h indicates that the
RTL8139C(L) is an Ethernet controller.
BCR: Base-Class Register
The Base-class register is an 8-bit register that broadly classifies the function of the RTL8139C(L). BCR = 02h indicates
that the RTL8139C(L) is a network controller.
CLS: Cache Line Size
Reads will return a 0, writes are ignored.
LTR: Latency Timer Register
Specifies, in units of PCI bus clocks, the value of the latency timer of the RTL8139C(L).
When the RTL8139C(L) asserts FRAMEB, it enables its latency timer to count. If the RTL8139C(L) deasserts FRAMEB
prior to count expiration, the content of the latency timer is ignored. Otherwise, after the count expires, the RTL8139C(L)
initiates transaction termination as soon as its GNTB is deasserted. Software is able to read or write, and the default value is
00H.
HTR: Header Type Register
Reads will return a 0, writes are ignored.


Similar Part No. - RTL8139C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139C ETC1-RTL8139C Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C-LF REALTEK-RTL8139C-LF Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139CL REALTEK-RTL8139CL Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139CL-LF REALTEK-RTL8139CL-LF Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8139C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Macronix International
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com