Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS07D Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # RS07D
Description  Surface Mount Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

RS07D Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  RS07D Datasheet HTML 1Page - Bruckewell Technology LTD RS07D Datasheet HTML 2Page - Bruckewell Technology LTD RS07D Datasheet HTML 3Page - Bruckewell Technology LTD RS07D Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RS07B-M
Surface Mount Fast Rectifiers
Publication Order Number: [RS07B-M]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Glass passivated device
• Ideal for surface mouted applications
• Low leakage current
• Metallurgically bonded construction
• High temperature soldering:
• 250°C/10 seconds at terminals
• RoHS compliant package
Mechanical Data
• Case: SOD-123 Molded plastic
• Epoxy: UL94V-O rate flame retardant
• Lead: Lead Formed for Surface Mount
• Polarity: Color band denotes cathode end
• Mounting position: Any
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
RS
07B
RS
07D
RS
07G
RS
07J
RS
07K
RS
07M
Unit
Device marking code
RB
RD
RG
RJ
RK
RM
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum average forward rectified current
TA=65 °C (Note1)
IF(AV)
0.7
A


Similar Part No. - RS07D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
RS07D BILIN-RS07D Datasheet
110Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
RS07D VISHAY-RS07D Datasheet
156Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
RS07D VISHAY-RS07D Datasheet
90Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 2.0, 30-Aug-10
logo
Shenzhen Luguang Electr...
RS07D LUGUANG-RS07D Datasheet
289Kb / 3P
   Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
RS07D TAYCHIPST-RS07D Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - RS07D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
SRR0 EIC-SRR0 Datasheet
48Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Silicon Standard Corp.
GR3K SSC-GR3K Datasheet
271Kb / 3P
   FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
US1A EIC-US1A Datasheet
67Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIERS
SR3A EIC-SR3A_05 Datasheet
55Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA Datasheet
35Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RS1A SEMTECH_ELEC-RS1A Datasheet
168Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com