Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73310PQDRVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV73310PQDRVRQ1
Description  Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73310PQDRVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV73310PQDRVRQ1 Datasheet HTML 6Page - Texas Instruments TLV73310PQDRVRQ1 Datasheet HTML 7Page - Texas Instruments TLV73310PQDRVRQ1 Datasheet HTML 8Page - Texas Instruments TLV73310PQDRVRQ1 Datasheet HTML 9Page - Texas Instruments TLV73310PQDRVRQ1 Datasheet HTML 10Page - Texas Instruments TLV73310PQDRVRQ1 Datasheet HTML 11Page - Texas Instruments TLV73310PQDRVRQ1 Datasheet HTML 12Page - Texas Instruments TLV73310PQDRVRQ1 Datasheet HTML 13Page - Texas Instruments TLV73310PQDRVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Current
Limit
UVLO
IN
EN
OUT
Logic
GND
TLV733P-Q1
120 W
Thermal
Shutdown
Copyright © 2016, Texas Instruments Incorporated
Band Gap
10
TLV733P-Q1
SBVS283A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV733P-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV733P-Q1 belongs to a family of low dropout (LDO) linear regulators. These devices consume low
quiescent current and deliver excellent line and load transient performance. These characteristics, combined with
low noise and good PSRR with low dropout voltage, make this family of devices ideal for portable consumer
applications.
This family of regulators offers foldback current limit, shutdown, and thermal protection. The operating junction
temperature for this family of devices is –40°C to +135°C.
7.2 Functional Block Diagram


Similar Part No. - TLV73310PQDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV73310PQDRVRQ1 TI1-TLV73310PQDRVRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73310PQDRVRQ1 TI1-TLV73310PQDRVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

Similar Description - TLV73310PQDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com