Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73325PQDRVRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV73325PQDRVRQ1
Description  Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73325PQDRVRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV73325PQDRVRQ1 Datasheet HTML 1Page - Texas Instruments TLV73325PQDRVRQ1 Datasheet HTML 2Page - Texas Instruments TLV73325PQDRVRQ1 Datasheet HTML 3Page - Texas Instruments TLV73325PQDRVRQ1 Datasheet HTML 4Page - Texas Instruments TLV73325PQDRVRQ1 Datasheet HTML 5Page - Texas Instruments TLV73325PQDRVRQ1 Datasheet HTML 6Page - Texas Instruments TLV73325PQDRVRQ1 Datasheet HTML 7Page - Texas Instruments TLV73325PQDRVRQ1 Datasheet HTML 8Page - Texas Instruments TLV73325PQDRVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
IOUT (mA)
0
30
60
90
120
150
180
210
240
270
300
0
20
40
60
80
100
120
140
160
180
D020
VOUT = 3.3 V
VOUT = 1.8 V
TLV733P-Q1
IN
EN
OUT
GND
COUT
CIN
Optional
Optional
ON
OFF
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV733P-Q1
SBVS283A – AUGUST 2016 – REVISED AUGUST 2016
TLV733P-Q1
Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
Input Voltage Range: 1.4 V to 5.5 V
Stable Operation With or Without Capacitors
Foldback Overcurrent Protection
Package:
2.0-mm × 2.0-mm WSON-6
Very Low Dropout: 125 mV at 300 mA (3.3 VOUT)
Accuracy: 1% Typical, 1.4% Maximum
Low IQ: 34 µA
Available in Fixed-Output Voltages:
1.0 V to 3.3 V
High PSRR: 50 dB at 1 kHz
Active Output Discharge
2 Applications
Camera Modules
Automotive Infotainment
Navigation Systems
3 Description
The TLV733P-Q1 family of low dropout (LDO) linear
regulators are ultra-small, low quiescent current
LDOs that can source 300 mA with good line and
load transient performance. These devices provide a
typical accuracy of 1%.
The TLV733P-Q1 family is designed with a modern
capacitor-free architecture to ensure stability without
an input or output capacitor. The removal of the
output capacitor allows for a very small solution size,
and
can
eliminate
inrush
current
at
startup.
Furthermore, the TLV733P-Q1 family is also stable
with ceramic output capacitors if an output capacitor
is necessary. The TLV733P-Q1 family also provides
foldback current control during device power-up and
enabling
if
an
output
capacitor
is
used.
This
functionality
is
especially
important
in
battery-
operated devices.
The TLV733P-Q1 family provides an active pulldown
circuit
to
quickly
discharge
output
loads
when
disabled.
The TLV733P-Q1 family is available in the 6-pin DRV
(WSON) package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV733P-Q1
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application Circuit
Dropout Voltage vs Output Current


Similar Part No. - TLV73325PQDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV73325PQDRVRQ1 TI1-TLV73325PQDRVRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73325PQDRVRQ1 TI1-TLV73325PQDRVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

Similar Description - TLV73325PQDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com