Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS8 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # ABS8
Description  VATED PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ABS8 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  ABS8 Datasheet HTML 1Page - SUNMATE electronic Co., LTD ABS8 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
www.sunmate.tw
Tj=25 C
0.01
Number Of Cycles at 60 Hz
1
0
10
100
Percent of Rated Peak Reverse Voltage, %
0
40
80
120
0.01
Max Non-repetitive Peak
Forward Surge Current
40
10
20
30
60
50
single half sine-wave
Tc=50 C
JEDEC method
Mounted on PC board
Case Temperature ( C)
25
0
1.0
50
2.0
3.0
75
100
125
Mounted on metal board
Resistive or inductive load
Forward Current Derating Curve
Typical Reverse Characteristics, per element
1.0
Tj=100 C
0.1
10
1.2
Tj=25 C
Pulse width=300 S
Forward Voltage, V
0
0.4
0.1
0.8
1.0
10
1.6
Typical Forward Characteristics, per element


Similar Part No. - ABS8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABS8 ETC1-ABS8 Datasheet
451Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
GUANGDONG HOTTECH INDUS...
ABS8 HOTTECH-ABS8 Datasheet
206Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIER
logo
Leshan Radio Company
ABS8 LRC-ABS8 Datasheet
673Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Compact Technology Corp...
ABS8 CTC-ABS8 Datasheet
252Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
ABS8 KINGTRONICS-ABS8 Datasheet
378Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
More results

Similar Description - ABS8

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBU4A CHENG-YI-GBU4A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ20A CHENG-YI-KBJ20A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU6A CHENG-YI-GBU6A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ25A CHENG-YI-KBJ25A Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU8A CHENG-YI-GBU8A Datasheet
169Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 CHENG-YI-GBL005 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8A CHENG-YI-KBJ8A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ15A CHENG-YI-KBJ15A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
GBU10A CHENG-YI-GBU10A Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
KBU10A CHENG-YI-KBU10A Datasheet
125Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com