Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS3135 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3135
Description  TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3135 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS570LS3135 Datasheet HTML 2Page - Texas Instruments TMS570LS3135 Datasheet HTML 3Page - Texas Instruments TMS570LS3135 Datasheet HTML 4Page - Texas Instruments TMS570LS3135 Datasheet HTML 5Page - Texas Instruments TMS570LS3135 Datasheet HTML 6Page - Texas Instruments TMS570LS3135 Datasheet HTML 7Page - Texas Instruments TMS570LS3135 Datasheet HTML 8Page - Texas Instruments TMS570LS3135 Datasheet HTML 9Page - Texas Instruments TMS570LS3135 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 170 page
background image
TMS570LS3135, TMS570LS2135, TMS570LS2125
SPNS164C – APRIL 2012 – REVISED APRIL 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
6.11
Tightly Coupled RAM (TCRAM) Interface Module
.. 80
1.1
Features
.............................................. 1
6.12
Parity Protection for Peripheral RAMs
.............. 80
1.2
Applications
........................................... 2
6.13
On-Chip SRAM Initialization and Testing
........... 82
1.3
Description
............................................ 3
6.14
External Memory Interface (EMIF)
.................. 84
1.4
Functional Block Diagram
............................ 5
6.15
Vectored Interrupt Manager
......................... 91
2
Revision History
......................................... 7
6.16
DMA Controller
...................................... 94
3
Device Comparison
..................................... 9
6.17
Real Time Interrupt Module
......................... 96
4
Terminal Configuration and Functions
........... 10
6.18
Error Signaling Module
.............................. 98
4.1
PGE QFP Package Pinout (144-Pin)
............... 10
6.19
Reset / Abort / Error Sources
...................... 102
4.2
ZWT BGA Package Ball-Map (337-Ball Grid Array)
11
6.20
Digital Windowed Watchdog
....................... 104
4.3
Terminal Functions
................................. 12
6.21
Debug Subsystem
................................. 105
5
Specifications
.......................................... 39
7
Peripheral Information and Electrical
Specifications
......................................... 116
5.1
Absolute Maximum Ratings
........................ 39
7.1
Peripheral Legend
................................. 116
5.2
ESD Ratings
........................................ 39
7.2
Multibuffered 12-Bit Analog-to-Digital Converter
.. 116
5.3
Power-On Hours (POH)
............................. 39
7.3
General-Purpose Input/Output
..................... 127
5.4
Recommended Operating Conditions
............... 40
7.4
Enhanced High-End Timer (N2HET)
.............. 128
5.5
Switching Characteristics for Clock Domains
....... 41
7.5
FlexRay Interface
.................................. 133
5.6
Wait States Required
............................... 41
7.6
Controller Area Network (DCAN)
.................. 135
5.7
Power Consumption
................................. 42
7.7
Local Interconnect Network Interface (LIN)
........ 136
5.8
Input/Output Electrical Characteristics
.............. 43
7.8
Serial Communication Interface (SCI)
............. 137
5.9
Thermal Resistance Characteristics
................ 44
7.9
Inter-Integrated Circuit (I2C)
....................... 138
5.10
Output Buffer Drive Strengths
...................... 45
7.10
Multibuffered / Standard Serial Peripheral
5.11
Input Timings
........................................ 46
Interface
............................................ 141
5.12
Output Timings
...................................... 46
8
Device and Documentation Support
.............. 153
5.13
Low-EMI Output Buffers
............................ 48
8.1
Device Support
..................................... 153
6
System Information and Electrical
8.2
Documentation Support
............................ 155
Specifications
........................................... 50
8.3
Related Links
...................................... 155
6.1
Device Power Domains
............................. 50
8.4
Community Resources
............................. 155
6.2
Voltage Monitor Characteristics
..................... 51
8.5
Trademarks
........................................ 155
6.3
Power Sequencing and Power On Reset
........... 52
8.6
Electrostatic Discharge Caution
................... 155
6.4
Warm Reset (nRST)
................................. 54
8.7
Glossary
............................................ 155
6.5
ARM-R4F CPU Information
......................... 55
8.8
Device Identification Code Register
............... 157
6.6
Clocks
............................................... 58
8.9
Die Identification Registers
....................... 158
6.7
Clock Monitoring
.................................... 66
8.10
Module Certifications
............................... 158
6.8
Glitch Filters
......................................... 68
9
Mechanical Packaging and Orderable
6.9
Device Memory Map
................................ 69
Information
............................................. 165
6.10
Flash Memory
....................................... 77
9.1
Packaging Information
............................. 165
6
Table of Contents
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - TMS570LS3135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS3135 TI1-TMS570LS3135 Datasheet
2Mb / 154P
[Old version datasheet]   TMS570LSxxx5 16/32-Bit RISC Flash Microcontroller
TMS570LS3135 TI1-TMS570LS3135 Datasheet
8Mb / 172P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3135 TI1-TMS570LS3135 Datasheet
8Mb / 172P
[Old version datasheet]   TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
TMS570LS3135PGE TI1-TMS570LS3135PGE Datasheet
8Mb / 172P
[Old version datasheet]   TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
TMS570LS3135ZWT TI1-TMS570LS3135ZWT Datasheet
8Mb / 172P
[Old version datasheet]   TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS3135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS3135 TI1-TMS570LS3135_V01 Datasheet
8Mb / 172P
[Old version datasheet]   TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com