Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS5703134DZWTQQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS5703134DZWTQQ1
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS5703134DZWTQQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS5703134DZWTQQ1 Datasheet HTML 2Page - Texas Instruments TMS5703134DZWTQQ1 Datasheet HTML 3Page - Texas Instruments TMS5703134DZWTQQ1 Datasheet HTML 4Page - Texas Instruments TMS5703134DZWTQQ1 Datasheet HTML 5Page - Texas Instruments TMS5703134DZWTQQ1 Datasheet HTML 6Page - Texas Instruments TMS5703134DZWTQQ1 Datasheet HTML 7Page - Texas Instruments TMS5703134DZWTQQ1 Datasheet HTML 8Page - Texas Instruments TMS5703134DZWTQQ1 Datasheet HTML 9Page - Texas Instruments TMS5703134DZWTQQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 167 page
background image
TMS570LS3134, TMS570LS2134, TMS570LS2124
SPNS165B – APRIL 2012 – REVISED MAY 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
6.12
Parity Protection for Peripheral RAMs
.............. 81
1.1
Features
.............................................. 1
6.13
On-Chip SRAM Initialization and Testing
........... 83
1.2
Applications
........................................... 2
6.14
External Memory Interface (EMIF)
.................. 85
1.3
Description
............................................ 3
6.15
Vectored Interrupt Manager
......................... 92
1.4
Functional Block Diagram
............................ 5
6.16
DMA Controller
...................................... 95
2
Revision History
......................................... 7
6.17
Real Time Interrupt Module
......................... 97
3
Device Comparison
..................................... 9
6.18
Error Signaling Module
.............................. 99
4
Terminal Configuration and Functions
........... 10
6.19
Reset / Abort / Error Sources
...................... 103
4.1
ZWT BGA Package Ball-Map (337-Ball Grid Array)
11
6.20
Digital Windowed Watchdog
....................... 105
4.2
Terminal Functions
................................. 12
6.21
Debug Subsystem
................................. 106
5
Specifications
.......................................... 39
7
Peripheral Information and Electrical
Specifications
......................................... 117
5.1
Absolute Maximum Ratings
........................ 39
7.1
Peripheral Legend
................................. 117
5.2
ESD Ratings
........................................ 39
7.2
Multibuffered 12-Bit Analog-to-Digital Converter
.. 117
5.3
Power-On Hours (POH)
............................. 39
7.3
General-Purpose Input/Output
..................... 128
5.4
Recommended Operating Conditions
............... 40
7.4
Enhanced Next Generation High-End Timer
5.5
Switching Characteristics for Clock Domains
....... 41
(N2HET)
............................................ 129
5.6
Wait States Required
............................... 41
7.5
Controller Area Network (DCAN)
.................. 134
5.7
Power Consumption
................................. 42
7.6
Local Interconnect Network Interface (LIN)
........ 135
5.8
Input/Output Electrical Characteristics
.............. 43
7.7
Serial Communication Interface (SCI)
............. 136
5.9
Thermal Resistance Characteristics
................ 44
7.8
Inter-Integrated Circuit (I2C)
....................... 137
5.10
Output Buffer Drive Strengths
...................... 45
7.9
Multibuffered / Standard Serial Peripheral
5.11
Input Timings
........................................ 46
Interface
............................................ 140
5.12
Output Timings
...................................... 46
8
Device and Documentation Support
.............. 152
5.13
Low-EMI Output Buffers
............................ 48
8.1
Device Support
..................................... 152
6
System Information and Electrical
8.2
Documentation Support
............................ 154
Specifications
........................................... 50
8.3
Related Links
...................................... 154
6.1
Device Power Domains
............................. 50
8.4
Community Resources
............................. 154
6.2
Voltage Monitor Characteristics
..................... 51
8.5
Trademarks
........................................ 154
6.3
Power Sequencing and Power On Reset
........... 52
8.6
Electrostatic Discharge Caution
................... 154
6.4
Warm Reset (nRST)
................................. 54
8.7
Glossary
............................................ 154
6.5
ARM Cortex-R4F CPU Information
................. 55
8.8
Device Identification Code Register
............... 155
6.6
Clocks
............................................... 59
8.9
Die Identification Registers
....................... 156
6.7
Clock Monitoring
.................................... 67
8.10
Module Certifications
............................... 157
6.8
Glitch Filters
......................................... 69
9
Mechanical Packaging and Orderable
6.9
Device Memory Map
................................ 70
Information
............................................. 162
6.10
Flash Memory
....................................... 78
9.1
Packaging Information
............................. 162
6.11
Tightly Coupled RAM (TCRAM) Interface Module
.. 81
6
Table of Contents
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - TMS5703134DZWTQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5703134APGEQQ1 TI1-TMS5703134APGEQQ1 Datasheet
2Mb / 155P
[Old version datasheet]   TMS570LSxxx4 16/32-Bit RISC Flash Microcontroller
TMS5703134APGEQQ1 TI1-TMS5703134APGEQQ1 Datasheet
232Kb / 4P
[Old version datasheet]   Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
TMS5703134AZWTQQ1 TI1-TMS5703134AZWTQQ1 Datasheet
232Kb / 4P
[Old version datasheet]   Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
More results

Similar Description - TMS5703134DZWTQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com