Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS5702134DPGEQQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS5702134DPGEQQ1
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS5702134DPGEQQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TMS5702134DPGEQQ1 Datasheet HTML 1Page - Texas Instruments TMS5702134DPGEQQ1 Datasheet HTML 2Page - Texas Instruments TMS5702134DPGEQQ1 Datasheet HTML 3Page - Texas Instruments TMS5702134DPGEQQ1 Datasheet HTML 4Page - Texas Instruments TMS5702134DPGEQQ1 Datasheet HTML 5Page - Texas Instruments TMS5702134DPGEQQ1 Datasheet HTML 6Page - Texas Instruments TMS5702134DPGEQQ1 Datasheet HTML 7Page - Texas Instruments TMS5702134DPGEQQ1 Datasheet HTML 8Page - Texas Instruments TMS5702134DPGEQQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 167 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMS570LS3134, TMS570LS2134, TMS570LS2124
SPNS165B – APRIL 2012 – REVISED MAY 2015
TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
1
Device Overview
1.1
Features
1
• High-Performance Microcontroller for Safety-
• Multiple Communication Interfaces
Critical Applications
– Three CAN Controllers (DCANs)
– Dual CPUs Running in Lockstep
64 Mailboxes, Each With Parity Protection
– ECC on Flash and RAM Interfaces
Compliant to CAN Protocol Version 2.0B
– Built-In Self-Test (BIST) for CPU and On-chip
– Standard Serial Communication Interface (SCI)
RAMs
– Local Interconnect Network (LIN) Interface
– Error Signaling Module With Error Pin
Controller
– Voltage and Clock Monitoring
Compliant to LIN Protocol Version 2.1
• ARM® Cortex®-R4F 32-Bit RISC CPU
Can be Configured as a Second SCI
– Efficient 1.66 DMIPS/MHz With 8-Stage Pipeline
– Inter-Integrated Circuit (I2C)
– FPU With Single- and Double-Precision
– Three Multibuffered Serial Peripheral Interfaces
– 12-Region Memory Protection Unit (MPU)
(MibSPIs)
– Open Architecture With Third-Party Support
128 Words With Parity Protection Each
• Operating Conditions
– Two Standard Serial Peripheral Interfaces
(SPIs)
– System Clock up to 180 MHz
• Two Next Generation High-End Timer (N2HET)
– Core Supply Voltage (VCC): 1.2 V Nominal
Modules
– I/O Supply Voltage (VCCIO): 3.3 V Nominal
– N2HET1: 32 Programmable Channels
– ADC Supply Voltage (VCCAD): 3.0 to 5.25 V
– N2HET2: 18 Programmable Channels
• Integrated Memory
– 160-Word Instruction RAM Each With Parity
– 3MB of Program Flash With ECC (LS3134)
Protection
– 2MB of Program Flash With ECC
– Each N2HET Includes Hardware Angle
(LS2134/2124)
Generator
– 256KB of RAM With ECC (LS3134/2134)
– Dedicated High-End Transfer Unit (HTU) With
– 192KB of RAM With ECC (LS2124)
MPU for Each N2HET
– 64KB of Flash With ECC for Emulated
• Two 12-Bit Multibuffered ADC Modules
EEPROM
– ADC1: 24 Channels
• 16-Bit External Memory Interface
– ADC2: 16 Channels Shared With ADC1
• Common Platform Architecture
– 64 Result Buffers With Parity Protection Each
– Consistent Memory Map Across Family
• General-Purpose Input/Output (GPIO) Pins
– Real-Time Interrupt (RTI) Timer OS Timer
Capable of Generating Interrupts
– 96-Channel Vectored Interrupt Module (VIM)
– 16 Pins on the ZWT Package
– 2-Channel Cyclic Redundancy Checker (CRC)
– 10 Pins on the PGE Package
• Direct Memory Access (DMA) Controller
• IEEE 1149.1 JTAG, Boundary Scan and ARM
– 16 Channels and 32 Peripheral Requests
CoreSight™ Components
– Parity Protection for Control Packet RAM
• JTAG Security Module
– DMA Accesses Protected by Dedicated MPU
• Packages
• Frequency-Modulated Phase-Locked Loop
– 144-Pin Quad Flatpack (PGE) [Green]
(FMPLL) With Built-In Slip Detector
– 337-Ball Grid Array (ZWT) [Green]
• Separate Nonmodulating PLL
• Trace and Calibration Capabilities
– Embedded Trace Macrocell (ETM-R4)
– Data Modification Module (DMM)
– RAM Trace Port (RTP)
– Parameter Overlay Module (POM)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS5702134DPGEQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5702134APGEQQ1 TI1-TMS5702134APGEQQ1 Datasheet
232Kb / 4P
[Old version datasheet]   Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
TMS5702134AZWTQQ1 TI1-TMS5702134AZWTQQ1 Datasheet
232Kb / 4P
[Old version datasheet]   Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
More results

Similar Description - TMS5702134DPGEQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com