Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3420A Datasheet(PDF) 11 Page - Texas Instruments

Part # TP3420A
Description  TP3420A ISDN S/T Interface Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3420A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TP3420A Datasheet HTML 7Page - Texas Instruments TP3420A Datasheet HTML 8Page - Texas Instruments TP3420A Datasheet HTML 9Page - Texas Instruments TP3420A Datasheet HTML 10Page - Texas Instruments TP3420A Datasheet HTML 11Page - Texas Instruments TP3420A Datasheet HTML 12Page - Texas Instruments TP3420A Datasheet HTML 13Page - Texas Instruments TP3420A Datasheet HTML 14Page - Texas Instruments TP3420A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Functional Description (Continued)
TABLE 4. Control Register Functions
Function
Mnemonic
Bit Number
76543210
Activation/Deactivation
No Operation
NOP
11111111
Power-Down (Note 6)
PDN
00000000
Power-Up
PUP
00100000
Deactivation Request
DR
00000001
Force INFO2 (NT only)
FI2
00000010
Monitor Mode Activation
MMA
00011111
Activation Request
AR
00000011
Device Modes
NT Mode, Adaptive Sampling (Note 6)
NTA
00000100
NT Mode, Fixed Sampling
NTF
00000101
TE Mode, Digital System Interface Slave (Note 7)
TES
00000110
TE Mode, Digital System Interface Master
TEM
00000111
Digital Interface Formats
Digital System Interface Format 1 (Note 6)
DIF1
00001000
Digital System Interface Format 2
DIF2
00001001
Digital System Interface Format 3
DIF3
00001010
Digital System Interface Format 4
DIF4
00001011
BCLK Frequency Settings
Set BCLK to 2.048 MHz
BCLK1
10011000
Set BCLK to 256 kHz
BCLK2
10011001
Set BCLK to 512 kHz
BCLK3
10011010
Set BCLK to 2.56 MHz
BCLK4
10011011
B Channel Exchange
B Channels Mapped Direct, B1 to B1, B2 to B2 (Note 6)
BDIR
00001100
B Channels Exchanged, B1 to B2, B2 to B1
BEX
00001101
DS009143-21
FIGURE 5. TP3240A Enhanced MICROWIRE Control Interface Timing
www.national.com
10


Similar Part No. - TP3420A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AJ NSC-TP3420AJ Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AN NSC-TP3420AN Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AV NSC-TP3420AV Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AV309 NSC-TP3420AV309 Datasheet
84Kb / 3P
   Engineering Project Manager
More results

Similar Description - TP3420A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3421 NSC-TP3421 Datasheet
816Kb / 18P
   ISDN S / T INTERFACE DEVICE WITH GCI ( GENERAL CIRCUIT INTERFACE )
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
   ISDN S/T-Interface Transceiver
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
Winbond
W6691 WINBOND-W6691 Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
logo
PCA ELECTRONICS INC.
EPR1260 PCA-EPR1260 Datasheet
45Kb / 1P
   ISDN S/T-Interface Module
logo
NXP Semiconductors
MC145574EVK NXP-MC145574EVK Datasheet
234Kb / 2P
   ISDN S/T-interface Transceiver Evaluation Kit
REV 0
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
Winbond
W66910 WINBOND-W66910 Datasheet
689Kb / 81P
   TE Mode ISDN S/T-Controller with Microprocessor Interface
logo
Asahi Kasei Microsystem...
AK520S AKM-AK520S Datasheet
1Mb / 8P
   ISDN SINGLE CHIP NT1/(U&S/T-INTERFACE) TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com