Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0242PWPRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA0242PWPRG4
Description  STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0242PWPRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPA0242PWPRG4 Datasheet HTML 1Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 2Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 3Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 4Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 5Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA0242PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPA0242
SLOS287C – NOVEMBER 1999 – REVISED SEPTEMBER 2004
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
BYPASS
11
Tap to voltage divider for internal mid-supply bias generator
If a 47-nF capacitor is attached, the TPA0242 generates an internal clock. An external clock can override the
CLK
17
I
internal clock input to this terminal.
1, 12
GND
Ground connection for circuitry. Connected to thermal pad
13, 24
LHPIN
6
I
Left channel headphone input, selected when SE/BTL is held high
LIN
10
I
Common left input for fully differential input. AC ground for single-ended inputs
LLINEIN
5
I
Left channel line negative input, selected when SE/BTL is held low
LOUT+
4
O
Left channel positive output in BTL mode and positive output in SE mode
LOUT-
9
O
Left channel negative output in BTL mode and high-impedance in SE mode
HP/LINE is the input MUX control input. When the HP/LINE terminal is held high, the headphone inputs
HP/LINE
2
I
(LHPIN or RHPIN [6, 20]) are active. When the HP/LINE terminal is held low, the line BTL inputs (LLINEIN
or RLINEIN [5, 23]) are active.
The input for PC-beep mode. PC-BEEP is enabled when a > 1.5-VPP (peak-to-peak) square wave is input to
PC-BEEP
14
I
PC-BEEP.
PVDD
7, 18
I
Power supply for output stage
RHPIN
20
I
Right channel headphone input, selected when SE/BTL is held high
RIN
8
I
Common right input for fully differential input. AC ground for single-ended inputs
RLINEIN
23
I
Right channel line input, selected when SE/BTL is held low
ROUT+
21
O
Right channel positive output in BTL mode and positive output in SE mode
ROUT-
16
O
Right channel negative output in BTL mode and high-impedance in SE mode
SE/BTL
15
I
Hold SE/BTL low for BTL mode and hold high for SE mode.
SHUTDOWN
22
I
When held low, this terminal places the entire device, except PC-BEEP detect circuitry, in shutdown mode.
VDD
19
I
Analog VDD input supply. This terminal needs to be isolated from PVDD to achieve highest performance.
VOLUME detects the dc level at the terminal and sets the gain for 31 discrete steps covering a range of 20
VOLUME
3
I
dB to -40 dB for dc levels of 0.15 V to 3.54. When the dc level is over 3.54 V, the device is muted.
Thermal Pad
Connect to ground. Must be soldered down in all applications to properly secure device on PC board.
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
Supply voltage, VDD
6 V
Input voltage, VI
-0.3 V to VDD 0.3 V
Continuous total power dissipation
Internally Limited (see Dissipation Rating Table)
Operating free-air temperature range, TA
-40
°C to 85°C
Operating junction temperature range, TJ
-40
°C to 150°C
Storage temperature range, Tstg
-65
°C to 85°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3


Similar Part No. - TPA0242PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

Similar Description - TPA0242PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com