Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2031D1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2031D1
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2031D1 Datasheet(HTML) 1 Page - Texas Instruments

  TPA2031D1 Datasheet HTML 1Page - Texas Instruments TPA2031D1 Datasheet HTML 2Page - Texas Instruments TPA2031D1 Datasheet HTML 3Page - Texas Instruments TPA2031D1 Datasheet HTML 4Page - Texas Instruments TPA2031D1 Datasheet HTML 5Page - Texas Instruments TPA2031D1 Datasheet HTML 6Page - Texas Instruments TPA2031D1 Datasheet HTML 7Page - Texas Instruments TPA2031D1 Datasheet HTML 8Page - Texas Instruments TPA2031D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
APPLICATIONS
SEE ALSO
DESCRIPTION
APPLICATION CIRCUIT
_
+
IN-
IN+
PWM
H-
Bridge
VO+
VO-
Internal
Oscillator
CS
ToBattery
VDD
GND
Bias
Circuitry
RI
RI
+
-
Differential
Input
TPA2036D1
SHUTDOWN
A1
A2
A3
B1
B2
B3
C1
C2
C3
IN+
GND
VO-
VDD
VDD
GND
IN-
SHUTDOWN VO+
9-BALL
WAFERCHIPSCALE
YZFPACKAGE
TPA2036D1DIMENSIONS
(TOPVIEWOFPCB)
1,45mm
1,45mm
TPA2036D1
www.ti.com.............................................................................................................................................................................................. SLOS589 – OCTOBER 2008
2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
• Wireless or Cellular Handsets and PDAs
2
• Pin-to-pin compatibility with TPA2010D1
• Personal Navigation Devices
• Short Circuit Auto-recovery
• General Portable Audio Devices
• Maximum Battery Life and Minimum Heat
• Linear Vibrator Drivers
Efficiency With an 8-
Ω Speaker:
88% at 400 mW
80% at 100 mW
TPA2031D1, TPA2032D1, TPA2033D1,
2.8-mA Quiescent Current
TPA2034D1, TPA2035D1
0.5-
µA Shutdown Current
• Only Three External Components
The TPA2036D1 is a 2.5-W high efficiency filter-free
Optimized PWM Output Stage Eliminates
class-D audio power amplifier (class-D amp) in a 1,45
LC Output Filter
mm × 1,45 mm wafer chip scale package (WCSP)
High PSRR (–75 dB) and Wide Supply
that requires only three external components.
Voltage (2.5 V to 5.5 V)
Features such as 88% efficiency, –75-dB PSRR,
Fully Differential Design Reduces RF
improved RF immunity, and 8 mm2 total PCB area
Rectification and Eliminates Bypass
make TPA2036D1 ideal for cellular handsets. A fast
Capacitor
start-up time of 1 ms with minimal pop makes
Improved CMRR Eliminates Two Input
TPA2036D1 ideal for portable applications.
Coupling Capacitors
In cellular handsets, TPA2036D1 is capable of driving
• 1,45mm × 1,45 mm 9-Ball WCSP
the earpiece, speaker phone, and melody ringer.
NanoFree™ Lead-Free (YZF)
TPA2036D1 allows independent gain while summing
signals from separate sources, and has a low 36
µV
RMS noise floor, A-weighted.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA2031D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1YZF TI-TPA2031D1YZF Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1YZFR TI-TPA2031D1YZFR Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1YZFT TI-TPA2031D1YZFT Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2031D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI-TPA2036D1 Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
   2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com