Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2032D1YZFT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2032D1YZFT
Description  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2032D1YZFT Datasheet(HTML) 5 Page - Texas Instruments

  TPA2032D1YZFT Datasheet HTML 1Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 2Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 3Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 4Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 5Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 6Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 7Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 8Page - Texas Instruments TPA2032D1YZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
TEST SET-UP FOR GRAPHS
TPA2032D1
IN+
IN −
OUT+
OUT −
V DD
GND
C I
C
I
Measurement
Output
+
1 mF
+
V DD
Load
30kHz
Low Pass
Filter
Measurement
Input
+
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
FIGURE
Efficiency
vs Output power
1, 2
PD
Power dissipation
vs Output power
3, 4
Supply current
vs Output power
5, 6
IDD
Supply current
vs Supply voltage
7
I(SD)
Shutdown current
vs Shutdown voltage
8
vs Load resistance
9, 10
PO
Output power
vs Supply voltage
11
vs Output power
12, 13
THD+N
Total harmonic distortion plus noise
vs Frequency
14, 15, 16, 17
vs Common-mode input voltage
18
19, 20, 21, 22, 23, 24, 25,
KSVR
Supply voltage rejection ratio
vs Frequency
26, 27
vs Time
28
GSM power supply rejection
vs Frequency
29
KSVR
Supply voltage rejection ratio
vs Common-mode input voltage
30, 31, 32
vs Frequency
33
CMRR
Common-mode rejection ratio
vs Common-mode input voltage
34
(1)
CI was shorted for any common-mode input voltage measurement. All other measurements were taken with a 1-µF
CI (unless otherwise noted).
(2)
A 33-
µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30-kHz low-pass filter is required, even if the analyzer has an internal low-pass filter. An RC low-pass filter
(100
Ω, 47-nF) is used on each output for the data sheet graphs.
5
Submit Documentation Feedback


Similar Part No. - TPA2032D1YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1YZF TI1-TPA2032D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2032D1YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com