Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3121D2PWPG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3121D2PWPG4
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3121D2PWPG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPA3121D2PWPG4 Datasheet HTML 1Page - Texas Instruments TPA3121D2PWPG4 Datasheet HTML 2Page - Texas Instruments TPA3121D2PWPG4 Datasheet HTML 3Page - Texas Instruments TPA3121D2PWPG4 Datasheet HTML 4Page - Texas Instruments TPA3121D2PWPG4 Datasheet HTML 5Page - Texas Instruments TPA3121D2PWPG4 Datasheet HTML 6Page - Texas Instruments TPA3121D2PWPG4 Datasheet HTML 7Page - Texas Instruments TPA3121D2PWPG4 Datasheet HTML 8Page - Texas Instruments TPA3121D2PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPA3121D2
www.ti.com
SLOS537B – MAY 2008 – REVISED JANUARY 2014
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC
Supply voltage
AVCC, PVCC
–0.3 to 30
V
VI
Logic input voltage
SD, MUTE, GAIN0, GAIN1
–0.3 to VCC + 0.3
V
VIN
Analog input voltage
RIN, LIN
–0.3 to 7
V
Continuous total power dissipation
See the Thermal Inforamtion Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
SE Output Configuration
3.2
RL
Load resistance (minimum value)
BTL Output Configuration
6.4
Human body model (all pins)
±2
kV
ESD
Electrostatic Discharge
Charged-device model (all
±500
V
pins)
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPA3121D2
THERMAL METRIC(1)(2)
PWP
UNITS
24 PINS
θJA
Junction-to-ambient thermal resistance
30.9
θJCtop
Junction-to-case (top) thermal resistance
29.6
θJB
Junction-to-board thermal resistance
9.0
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
3.6
θJCbot
Junction-to-case (bottom) thermal resistance
0.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
10
26
V
VIH
High-level input voltage
SD, MUTE, GAIN0, GAIN1
2
V
VIL
Low-level input voltage
SD, MUTE, GAIN0, GAIN1
0.8
V
SD, VI = VCC, VCC = 30 V
125
IIH
High-level input current
MUTE, VI = VCC, VCC = 30 V
125
μA
GAIN0, GAIN1, VI = VCC, VCC = 24 V
125
SD, VI = 0, VCC = 30 V
1
IIL
Low-level input current
MUTE, VI = 0 V, VCC = 30 V
1
μA
GAIN0, GAIN1, VI = 0 V, VCC = 24 V
1
TA
Operating free-air temperature
–40
85
°C
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA3121D2


Similar Part No. - TPA3121D2PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3121D2PWPR TI-TPA3121D2PWPR Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3121D2PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com