Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1E01B04DPYT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1E01B04DPYT
Description  TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E01B04DPYT Datasheet(HTML) 2 Page - Texas Instruments

  TPD1E01B04DPYT Datasheet HTML 1Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 2Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 3Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 4Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 5Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 6Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 7Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 8Page - Texas Instruments TPD1E01B04DPYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
TPD1E01B04
SLVSDG3B – MARCH 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPD1E01B04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
ESD Ratings—IEC Specification .............................. 4
6.4
Recommended Operating Conditions ....................... 4
6.5
Thermal Information .................................................. 4
6.6
Electrical Characteristics........................................... 5
6.7
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes.......................................... 9
8
Application and Implementation ........................ 10
8.1
Application Information............................................ 10
8.2
Typical Application ................................................. 10
9
Power Supply Recommendations ...................... 13
10
Layout................................................................... 13
10.1
Layout Guidelines ................................................. 13
10.2
Layout Example .................................................... 13
11
Device and Documentation Support ................. 14
11.1
Documentation Support ........................................ 14
11.2
Community Resources.......................................... 14
11.3
Trademarks ........................................................... 14
11.4
Electrostatic Discharge Caution ............................ 14
11.5
Glossary ................................................................ 14
12
Mechanical, Packaging, and Orderable
Information ........................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2016) to Revision B
Page
Made changes to the Electrical Characteristics table. Updated limits for VHOLD .................................................................... 1
Changes from Original (March 2016) to Revision A
Page
Changed device status from Product Preview to Production Data ....................................................................................... 1


Similar Part No. - TPD1E01B04DPYT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
More results

Similar Description - TPD1E01B04DPYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
TPD1E01B04-Q1 TI-TPD1E01B04-Q1 Datasheet
1,016Kb / 20P
[Old version datasheet]   TPD1E01B04-Q1 Automotive 0.18-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402Package for USB-C & FPD-Link
logo
Tripp Lite. All Rights ...
U428-006 TRIPPLITE-U428-006 Datasheet
163Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A M/M, Thunderbolt 3, 6-ft.
logo
Texas Instruments
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
logo
Tripp Lite. All Rights ...
U040-C03-C TRIPPLITE-U040-C03-C Datasheet
159Kb / 3P
   USB Type-C to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 3 ft.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com