Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1232 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1232
Description  Ultra-Sensitive, Hall-Effect Speed and Direction Sensor with TPOS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1232 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1232 Datasheet HTML 1Page - Allegro MicroSystems A1232 Datasheet HTML 2Page - Allegro MicroSystems A1232 Datasheet HTML 3Page - Allegro MicroSystems A1232 Datasheet HTML 4Page - Allegro MicroSystems A1232 Datasheet HTML 5Page - Allegro MicroSystems A1232 Datasheet HTML 6Page - Allegro MicroSystems A1232 Datasheet HTML 7Page - Allegro MicroSystems A1232 Datasheet HTML 8Page - Allegro MicroSystems A1232 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Ultra-Sensitive, Hall-Effect Speed
and Direction Sensor with TPOS
A1232
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics2
Supply Voltage3
VCC
Operating: TA ≤ 150ºC
3.3
24
V
Output Leakage Current
IOFF
Either output
<1
10
µA
Supply Current
ICC
2.5
3.7
6.0
mA
Low Output Voltage
VOUT(ON)
IOUT = 20 mA
B > BOP(A), B > BOP(B)
185
500
mV
Middle Output Voltage4
VOUT(MID) BRP < B < BOP, VPULL-UP = 12 V, RLOAD = 12 kΩ
6
V
Output Sink Current, Middle
IOUT(MID)
BRP < B < BOP, VPULL-UP = 12 V, RLOAD = 12 kΩ
0.5
mA
Output Sink Current Limit
IOM
VCC = 12 V
30
70
mA
Chopping Frequency
fC
750
kHz
Output Rise Time5
tr
CS = 20 pF, RLOAD = 820 Ω
1.8
µs
Output Fall Time5
tr
CS = 20 pF, RLOAD = 820 Ω
1.2
µs
Power-On Time6
tON
50
65
µs
Power-On State7
POS
t < tON
B = 0 G
VOUT(OFF)
t ≥ tON
BRP < B < BOP
VOUT(MID)
B > BOP
VOUT(ON)
B < BRP
VOUT(OFF)
Transient Protection Characteristics
Supply Zener Clamp Voltages
VZ
ICC = 9 mA, TA = 25ºC
28
46
V
Supply Zener Current8
IZ
VS = 28 V
9.0
mA
Reverse Supply Current
IRCC
VRCC = –18 V, TJ < TJ(max)
2
15
mA
ELECTRICAL CHARACTERISTICS: valid over full operating temperature range unless otherwise noted; typical
data applies to VCC = 12 V and TA = 25°C; see typical application circuits
2
Output related specifications listed in the characteristic column are applicable to each output transistor unless otherwise noted.
3
Maximum voltage operation must not exceed maximum junction temperature. Refer to power de-rating curves.
4
VOUT(MID) and IOUT(MID) specified typical values are found when connected as shown in Figure 10 and Figure 11. This information is only guaranteed available before the
first magnetic field transition has occurred and after the power-on time has occurred. The output state transition from the t < tON POS and the t > tON POS is not considered
the first magnetic field transition. See Figure 1 and the Magnetic Truth Table for power-on behavior.
5
CS = oscilloscope probe capacitance
6
Power-On Time is the duration from when VCC rises above VCC(MIN) until both outputs have attained valid states.
7
POS for both outputs is undefined for VCC < VCC(MIN). Use of a VCC slew rate greater than 25 mV/µs is recommended.
8
Maximum specification limit is equivalent to ICC(MAX) + 3 mA.


Similar Part No. - A1232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A12326650 ETC-A12326650 Datasheet
3Mb / 2P
   Nanophosphate® High Power Lithium Ion Cell
More results

Similar Description - A1232

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APS12625 ALLEGRO-APS12625 Datasheet
2Mb / 44P
   2D Hall-Effect Speed and Direction Sensor ICs
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
A19520 ALLEGRO-A19520 Datasheet
883Kb / 15P
   Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
A1693 ALLEGRO-A1693 Datasheet
815Kb / 15P
   Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
logo
Melexis Microelectronic...
MLX92251 MELEXIS-MLX92251 Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction
logo
Diodes Incorporated
AH1802 DIODES-AH1802 Datasheet
106Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1802 Rev. 2
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com