Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1155LUA-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1155LUA-T
Description  Chopper-Stabilized, Two-Wire Hall-Effect Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1155LUA-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1155LUA-T Datasheet HTML 6Page - Allegro MicroSystems A1155LUA-T Datasheet HTML 7Page - Allegro MicroSystems A1155LUA-T Datasheet HTML 8Page - Allegro MicroSystems A1155LUA-T Datasheet HTML 9Page - Allegro MicroSystems A1155LUA-T Datasheet HTML 10Page - Allegro MicroSystems A1155LUA-T Datasheet HTML 11Page - Allegro MicroSystems A1155LUA-T Datasheet HTML 12Page - Allegro MicroSystems A1155LUA-T Datasheet HTML 13Page - Allegro MicroSystems A1155LUA-T Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Chopper-Stabilized, Two-Wire
Hall-Effect Switches
A1150, A1152, A1153, A1155,
A1156, A1157, and A1158
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 4: Package LH, 3-Pin SOT23W
A
B
C
D
C
For Reference Only – Not for Tooling Use
(Reference DWG-2840)
Dimensions in millimeters– NOTTO SCALE
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Reference land pattern layout; all pads a minimum of 0.20 mm from all adjacent pads;
adjust as necessary to meet application process requirements and PCB layout tolerances
Active Area Depth, 0.28 mm
Hall elements, not to scale
= Last three digits of device part number
N
Standard Branding Reference View
NNN
Branding scale and appearance at supplier discretion
Seating Plane
Gauge Plane
PCB Layout Reference View
0.55 REF
0.25 BSC
0.95 BSC
0.95
1.00
0.70
2.40
2
1
B
A
Branded Face
2.90
+0.10
–0.20
4° ±4°
8X 10°
REF
0.180
+0.020
–0.053
0.05
+0.10
–0.05
0.25 MIN
1.91
+0.19
–0.06
2.98 +0.12
–0.08
1.00 ±0.13
0.40 ±0.10
D
D
D
1.49
0.96
3
PACKAGE OUTLINE DRAWINGS


Similar Part No. - A1155LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1155LUA-T2 ALLEGRO-A1155LUA-T2 Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results

Similar Description - A1155LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com