Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1260ELHLT-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1260ELHLT-T
Description  Chopper-Stabilized Precision Vertical Hall-Effect Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1260ELHLT-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1260ELHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1260ELHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1260ELHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1260ELHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1260ELHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1260ELHLT-T Datasheet HTML 9Page - Allegro MicroSystems A1260ELHLT-T Datasheet HTML 10Page - Allegro MicroSystems A1260ELHLT-T Datasheet HTML 11Page - Allegro MicroSystems A1260ELHLT-T Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Chopper-Stabilized Precision
Vertical Hall-Effect Latch
A1260
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
V
S
C
BYP
0.1 µF
V
DD
GND
GND
R
LOAD
Sensor
Output
A1260
OUT
Figure 4: Typical Application Circuit
APPLICATIONS
It is strongly recommended that an external capacitor be con-
nected (in close proximity to the Hall-effect sensor IC) between
the supply and ground of the device to reduce both external noise
and noise generated by the chopper stabilization technique. As
shown in Figure 4, a 0.1 µF capacitor is typical.
Extensive applications information on magnets and Hall-effect
sensors is available in:
• Hall-Effect IC Applications Guide, AN27701,
• Hall-Effect Devices: Guidelines For Designing Subassemblies
Using Hall-Effect Devices AN27703.1
• Soldering Methods for Allegro’s Products – SMT and Through-
Hole, AN26009
All are provided on the Allegro Web site:
www.allegromicro.com


Similar Part No. - A1260ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A1260HE VISHAY-A1260HE Datasheet
169Kb / 3P
   Custom Capabilities Position Sensors and Variable Resistors
01-Jan-2022
More results

Similar Description - A1260ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3282 ALLEGRO-A3282 Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A3282 ALLEGRO-A3282_06 Datasheet
354Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
3240 ALLEGRO-3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com