Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1250LUA-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1250LUA-T
Description  Hall-Effect Latch / Bipolar Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1250LUA-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1250LUA-T Datasheet HTML 4Page - Allegro MicroSystems A1250LUA-T Datasheet HTML 5Page - Allegro MicroSystems A1250LUA-T Datasheet HTML 6Page - Allegro MicroSystems A1250LUA-T Datasheet HTML 7Page - Allegro MicroSystems A1250LUA-T Datasheet HTML 8Page - Allegro MicroSystems A1250LUA-T Datasheet HTML 9Page - Allegro MicroSystems A1250LUA-T Datasheet HTML 10Page - Allegro MicroSystems A1250LUA-T Datasheet HTML 11Page - Allegro MicroSystems A1250LUA-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Hall-Effect Latch / Bipolar Switch
A1250
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The device must be operated below the maximum junction
temperature of the device, TJ(max) . Under certain combina-
tions of peak conditions, reliable operation may require derating
supplied power or improving the heat dissipation properties of
the application. This section presents a procedure for correlating
factors affecting operating TJ. (Thermal data is also available on
the Allegro MicroSystems Web site.)
The Package Thermal Resistance, RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity,
K, of the printed circuit board, including adjacent devices and
traces. Radiation from the die through the device case, RθJC, is
relatively small component of RθJA. Ambient air temperature,
TA, and air motion are significant external factors, damped by
overmolding.
The effect of varying power levels (Power Dissipation, PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
ΔT=PD
× RθJA
(2)
TJ=TA+ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VIN = 12 V, IIN = 4 mA, and RθJA = 140 °C/W, then:
PD = VIN
× IIN = 12 V × 4 mA = 48 mW
ΔT=PD
× RθJA = 48 mW × 140 °C/W = 7°C
TJ=TA+ΔT=25°C+7°C=32°C
A worst-case estimate, PD(max) , represents the maximum allow-
able power level, without exceeding TJ(max) , at a selected RθJA
and TA.
Example: Reliability for VCC at TA=150°C, package UA, using a
single-layer PCB.
Observe the worst-case ratings for the device, specifically:
RθJA=165 °C/W, TJ(max) =165°C, VCC(max) =24V, and
ICC(max) = 4 mA.
Calculate the maximum allowable power level, PD(max) . First,
invert equation 3:
ΔTmax=TJ(max)–TA=165°C–150°C=15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) =ΔTmax÷RθJA=15°C÷165°C/W=91mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(max) =91mW÷4mA= 23V
The result indicates that, at TA, the application and device can
dissipate adequate amounts of heat at voltages ≤VCC(est) .
Compare VCC(est) to VCC(max) . If VCC(est) ≤ VCC(max) , then
reliable operation between VCC(est) and VCC(max) requires
enhanced RθJA. If VCC(est) ≥ VCC(max) , then operation
between VCC(est) and VCC(max) is reliable under these condi-
tions.
POWER DERATING


Similar Part No. - A1250LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
More results

Similar Description - A1250LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT
U18 UTC-U18_15 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com