Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1301EUA-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1301EUA-T
Description  Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1301EUA-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1301EUA-T Datasheet HTML 1Page - Allegro MicroSystems A1301EUA-T Datasheet HTML 2Page - Allegro MicroSystems A1301EUA-T Datasheet HTML 3Page - Allegro MicroSystems A1301EUA-T Datasheet HTML 4Page - Allegro MicroSystems A1301EUA-T Datasheet HTML 5Page - Allegro MicroSystems A1301EUA-T Datasheet HTML 6Page - Allegro MicroSystems A1301EUA-T Datasheet HTML 7Page - Allegro MicroSystems A1301EUA-T Datasheet HTML 8Page - Allegro MicroSystems A1301EUA-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Continuous-Time Ratiometric
Linear Hall Effect Sensor ICs
A1301 and
A1302
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Packing*
Package
Ambient, TA
Sensitivity (Typical)
A1301EUA-T
Bulk, 500 pieces/bag
SIP
–40ºC to 85ºC
2.5 mV/G
A1301KLHLT-T
7-in. reel, 3000 pieces/reel
Surface Mount
–40ºC to 125ºC
A1301KLHLX-T
13-in. reel, 10000 pieces/reel
Surface Mount
A1301KUA-T
Bulk, 500 pieces/bag
SIP
A1302ELHLT-T
7-in. reel, 3000 pieces/reel
Surface Mount
–40ºC to 85ºC
1.3 mV/G
A1302ELHLX-T
13-in. reel, 10000 pieces/reel
Surface Mount
A1302KLHLT-T
7-in. reel, 3000 pieces/reel
Surface Mount
–40ºC to 125ºC
A1302KLHLX-T
13-in. reel, 10000 pieces/reel
Surface Mount
A1302KUA-T
Bulk, 500 pieces/bag
SIP
*Contact Allegro™ for additional packing options.
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
8
V
Output Voltage
VOUT
8
V
Reverse Supply Voltage
VRCC
–0.1
V
Reverse Output Voltage
VROUT
–0.1
V
Output Sink Current
IOUT
10
mA
Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Range K
–40 to 125
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
SPECIFICATIONS
Terminal List
Symbol
Number
Description
Package LH
Package UA
VCC
1
1
Connects power supply to chip
VOUT
2
3
Output from circuit
GND
3
2
Ground
Package LH SOT23W Pin-out Diagram
Package UA, 3-Pin SIP Pin-out Diagram
2
3
1
2
1
3


Similar Part No. - A1301EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1301EUA-T ALLEGRO-A1301EUA-T Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301EUA-T ALLEGRO-A1301EUA-T Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
More results

Similar Description - A1301EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
[Old version datasheet]   Ratiometric Linear Hall Effect Sensor
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
   MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com