Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1318 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1318
Description  Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low Profile Surface Mount Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1318 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1318 Datasheet HTML 2Page - Allegro MicroSystems A1318 Datasheet HTML 3Page - Allegro MicroSystems A1318 Datasheet HTML 4Page - Allegro MicroSystems A1318 Datasheet HTML 5Page - Allegro MicroSystems A1318 Datasheet HTML 6Page - Allegro MicroSystems A1318 Datasheet HTML 7Page - Allegro MicroSystems A1318 Datasheet HTML 8Page - Allegro MicroSystems A1318 Datasheet HTML 9Page - Allegro MicroSystems A1318 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Linear Hall-Effect Sensor ICs with Analog Output
Available in a Miniature, Low Profile Surface Mount Package
A1318 and
A1319
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Definitions
Power On Time When the supply is ramped to its operating
voltage, the device output requires a finite time to react to an
input magnetic field. Power On Time, tPO , is defined as the time
it takes for the output voltage to begin responding to an applied
magnetic field after the power supply has reached its minimum
specified operating voltage, VCC(min), as shown in figure 1.
Delay to Clamp A large magnetic input step may cause the
clamp to overshoot its steady state value. The Delay to Clamp,
tCLP, is defined as the time it takes for the output voltage to settle
within 1% of its steady state value, after initially passing through
its steady state voltage, as shown in figure 2.
Quiescent Voltage Output In the quiescent state (no signifi-
cant magnetic field: B = 0 G), the output, VOUT(Q), is at a con-
stant ratio to the supply voltage, VCC, across the entire operating
ranges of VCC and Operating Ambient Temperature, TA.
Quiescent Voltage Output Drift Across Temperature
Range Due to internal component tolerances and thermal
considerations, the Quiescent Voltage Output, VOUT(Q), may
drift due to temperature changes within the Operating Ambient
Temperature, TA. For purposes of specification, the Quiescent
Voltage Output Drift Across Temperature Range, ∆V
OUT(Q) (mV),
is defined as:
∆V
OUT(Q)
VOUT(Q)(TA) –VOUT(Q)(25°C)
=
(1)
Sensitivity The amount of the output voltage change is propor-
tional to the magnitude and polarity of the magnetic field applied.
This proportionality is specified as the magnetic sensitivity,
Sens (mV/G), of the device and is defined as:
VOUT(B+) – VOUT(B–)
(B+) – (B–)
Sens =
(2)
where B+ is the magnetic flux density in a positive field (south
polarity) and B– is the magnetic flux density in a negative field
(north polarity).
Sensitivity Temperature Coefficient The device sensitivity
changes as temperature changes, with respect to its Sensitivity
Temperature Coefficient, TCSENS. TCSENS is programmed at
150°C, and calculated relative to the baseline sensitivity program-
ming temperature of 25°C. TCSENS is defined as:
SensT2 – SensT1
SensT1
T2–T1
1
TCSens =
×100
(%/°C)




(3)
where T1 is the baseline Sens programming temperature of 25°C,
and T2 is the TCSENS programming temperature of 150°C.
The ideal value of Sens across the full ambient temperature
range, SensIDEAL(TA), is defined as:
SensT1 × [100 (%) + TCSENS (TA –T1)]
SensIDEAL(TA) =
(4)
Sensitivity Drift Across Temperature Range Second order
sensitivity temperature coefficient effects cause the magnetic
sensitivity, Sens, to drift from its ideal value across the operating
ambient temperature range, TA. For purposes of specification,
V
+t
VCC
VCC(min)
VOUT
90% VOUT
0
t1= time at which power supply reaches
minimum specified operating voltage
t2= time at which output voltage settles
within ±10% of its steady state value
under an applied magnetic field
t1
t2
tPO
VCC(typ)
time (µs)
Magnetic Input Signal
t1= time at which output voltage initially
reaches steady state clamp voltage
t2= time at which output voltage settles to
within 1% of steady state clamp voltage
VCLPHIGH
t1
t2
tCLP
VOUT
Figure 1. Definition of Power On Time, tPO
Figure 2. Definition of Delay to Clamp, tCLP


Similar Part No. - A1318

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A1310AG1 DBLECTRO-A1310AG1 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1310AG2 DBLECTRO-A1310AG2 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1310AS1 DBLECTRO-A1310AS1 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1310AS2 DBLECTRO-A1310AS2 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1310AT1 DBLECTRO-A1310AT1 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
More results

Similar Description - A1318

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1308 ALLEGRO-A1308 Datasheet
511Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low-Profile Surface-Mount Package
A1304 ALLEGRO-A1304 Datasheet
948Kb / 10P
   Linear Hall-Effect Sensor IC with Analog Output, Available in a Miniature, Low Profile Surface Mount Package
ALS31000 ALLEGRO-ALS31000 Datasheet
748Kb / 10P
   Unidirectional Linear Hall-Effect Sensor IC with Analog Output, in Miniature Low-Profile Surface-Mount Package
A1381 ALLEGRO-A1381 Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com