Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCT541PWG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT541PWG4
Description  OCTAL BUFFERS AND LINE DRIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT541PWG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCT541PWG4 Datasheet HTML 1Page - Texas Instruments SN74HCT541PWG4 Datasheet HTML 2Page - Texas Instruments SN74HCT541PWG4 Datasheet HTML 3Page - Texas Instruments SN74HCT541PWG4 Datasheet HTML 4Page - Texas Instruments SN74HCT541PWG4 Datasheet HTML 5Page - Texas Instruments SN74HCT541PWG4 Datasheet HTML 6Page - Texas Instruments SN74HCT541PWG4 Datasheet HTML 7Page - Texas Instruments SN74HCT541PWG4 Datasheet HTML 8Page - Texas Instruments SN74HCT541PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN54HCT541, SN74HCT541
OCTAL BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS306C − JANUARY 1996 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D High-Current 3-State Outputs Interface
Directly With System Bus or Can Drive Up
To 15 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 12 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
D Data Flow-Through Pinout (All Inputs on
Opposite Side From Outputs)
description/ordering information
These octal buffers and line drivers are designed
to have the performance of the popular ’HC240
series devices and to offer a pinout with inputs and
outputs on opposite sides of the package. This
arrangement greatly facilitates printed circuit
board layout.
The 3-state control gate is a 2-input NOR. If either
output-enable (OE1 or OE2) input is high, all eight
outputs are in the high-impedance state. The
’HCT541 devices provide true data at the outputs.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 20
SN74HCT541N
SN74HCT541N
SOIC − DW
Tube of 25
SN74HCT541DW
HCT541
SOIC − DW
Reel of 2000
SN74HCT541DWR
HCT541
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HCT541NSR
HCT541
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74HCT541DBR
HT541
Tube of 70
SN74HCT541PW
TSSOP − PW
Reel of 2000
SN74HCT541PWR
HT541
TSSOP − PW
Reel of 250
SN74HCT541PWT
HT541
CDIP − J
Tube of 20
SNJ54HCT541J
SNJ54HCT541J
−55
°C to 125°C
CFP − W
Tube of 85
SNJ54HCT541W
SNJ54HCT541W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HCT541FK
SNJ54HCT541FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE1
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
SN54HCT541 ...J OR W PACKAGE
SN74HCT541 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
Y1
Y2
Y3
Y4
Y5
A3
A4
A5
A6
A7
SN54HCT541 . . . FK PACKAGE
(TOP VIEW)
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HCT541PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT541PWG4 TI-SN74HCT541PWG4 Datasheet
452Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN74HCT541PWG4 TI-SN74HCT541PWG4 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541PWG4 TI-SN74HCT541PWG4 Datasheet
635Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HCT541PWG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54HCT541 TI-SN54HCT541_06 Datasheet
452Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com