Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1266ELHLX-SO3-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1266ELHLX-SO3-T
Description  Micropower Ultrasensitive 3D Hall-Effect Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1266ELHLX-SO3-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1266ELHLX-SO3-T Datasheet HTML 1Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 2Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 3Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 4Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 5Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 6Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 7Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 8Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micropower Ultrasensitive 3D Hall-Effect Switch
A1266
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
CHARACTERISTIC DATA
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
35
40
V
(V)
DD
T (ºC)
A
-40
25
85
-60
-40
-20
0
40
60
80
100
0
5
10
15
20
25
30
35
40
TA (ºC)
VDD(V)
2.5
3.3
5
20
Average Supply Current vs. Supply Voltage
Average Supply Current vs. Ambient Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
200
250
300
350
450
500
V
(V)
DD
T (ºC)
A
X Output
-40
25
85
400
150
Y and Z
-40
25
85
0
50
100
200
250
300
350
450
500
V
DD
(V)
X Output
400
150
Y and Z
-60
-40
-20
0
40
60
80
100
20
TA (ºC)
2.5
3.3
5
2.5
3.3
5
Average Low Output Voltage vs. Supply Voltage
Average Low Output Voltage vs. Ambient Temperature
IOUT = 20 mA
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
150
200
250
300
V
(V)
DD
T (ºC)
A
-40
25
85
-60
-40
-20
0
40
60
80
100
TA (ºC)
V
DD
(V)
2.5
3.3
5
20
0
50
100
150
200
250
300
Average Period vs. Supply Voltage
Average Period vs. Ambient Temperature


Similar Part No. - A1266ELHLX-SO3-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1260 ALLEGRO-A1260 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLT-T ALLEGRO-A1260ELHLT-T Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLX-T ALLEGRO-A1260ELHLX-T Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260EUA-T1 ALLEGRO-A1260EUA-T1 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
logo
Vishay Siliconix
A1260HE VISHAY-A1260HE Datasheet
169Kb / 3P
   Custom Capabilities Position Sensors and Variable Resistors
01-Jan-2022
More results

Similar Description - A1266ELHLX-SO3-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1171 ALLEGRO-A1171 Datasheet
637Kb / 9P
   Micropower Ultrasensitive Hall Effect Switch
A3211 ALLEGRO-A3211_16 Datasheet
595Kb / 13P
   Micropower, Ultrasensitive Hall-Effect Switches
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
   Micropower Ultrasensitive Hall Ef fect Switch
logo
Shaoxing Devechip Micro...
SDC212 SDC-SDC212 Datasheet
452Kb / 10P
   MicroPower Hall-Effect Switch
SDC1215 SDC-SDC1215 Datasheet
555Kb / 10P
   MicroPower Hall-Effect Switch
SDC213 SDC-SDC213 Datasheet
432Kb / 10P
   MicroPower Hall-Effect Switch
SDC8312 SDC-SDC8312 Datasheet
279Kb / 7P
   MicroPower Hall-Effect Switch
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Major-Power Technology ...
MA7030N MPOWER-MA7030N Datasheet
129Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com