Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1266ELHLX-SO3-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1266ELHLX-SO3-T
Description  Micropower Ultrasensitive 3D Hall-Effect Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1266ELHLX-SO3-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1266ELHLX-SO3-T Datasheet HTML 1Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 2Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 3Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 4Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 5Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 6Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 7Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 8Page - Allegro MicroSystems A1266ELHLX-SO3-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micropower Ultrasensitive 3D Hall-Effect Switch
A1266
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Thermal Characteristics
The A1266’s power consumption is extremely low. On-chip power dissipation will not be an issue under normal operating conditions.
Characteristic
Symbol
Notes
Rating
Unit
Package Thermal Resistance
RθJA
Package LH-3, 2-layer PCB with 0.463 in.2 of copper area,
each side connected by thermal vias
110
°C/W
Package LH-5, 4-layer board based on the JEDEC standard.
124
°C/W
20
40
60
80
100
120
140
160
180
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
4-Lay
er PCB,
Package
LH-5
(R
θJA
= 124ºC/W)
Temperature (ºC)
2-Layer
PCB,
Package
LH-3
(R
θJA = 110ºC/W)
Maximum Power Dissipation versus Ambient Temperature


Similar Part No. - A1266ELHLX-SO3-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1260 ALLEGRO-A1260 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLT-T ALLEGRO-A1260ELHLT-T Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLX-T ALLEGRO-A1260ELHLX-T Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260EUA-T1 ALLEGRO-A1260EUA-T1 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
logo
Vishay Siliconix
A1260HE VISHAY-A1260HE Datasheet
169Kb / 3P
   Custom Capabilities Position Sensors and Variable Resistors
01-Jan-2022
More results

Similar Description - A1266ELHLX-SO3-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1171 ALLEGRO-A1171 Datasheet
637Kb / 9P
   Micropower Ultrasensitive Hall Effect Switch
A3211 ALLEGRO-A3211_16 Datasheet
595Kb / 13P
   Micropower, Ultrasensitive Hall-Effect Switches
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
   Micropower Ultrasensitive Hall Ef fect Switch
logo
Shaoxing Devechip Micro...
SDC212 SDC-SDC212 Datasheet
452Kb / 10P
   MicroPower Hall-Effect Switch
SDC1215 SDC-SDC1215 Datasheet
555Kb / 10P
   MicroPower Hall-Effect Switch
SDC213 SDC-SDC213 Datasheet
432Kb / 10P
   MicroPower Hall-Effect Switch
SDC8312 SDC-SDC8312 Datasheet
279Kb / 7P
   MicroPower Hall-Effect Switch
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Major-Power Technology ...
MA7030N MPOWER-MA7030N Datasheet
129Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com