Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1262LLHLT-X-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1262LLHLT-X-T
Description  2D, Dual-Channel, Ultrasensitive Hall-Effect Latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1262LLHLT-X-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1262LLHLT-X-T Datasheet HTML 1Page - Allegro MicroSystems A1262LLHLT-X-T Datasheet HTML 2Page - Allegro MicroSystems A1262LLHLT-X-T Datasheet HTML 3Page - Allegro MicroSystems A1262LLHLT-X-T Datasheet HTML 4Page - Allegro MicroSystems A1262LLHLT-X-T Datasheet HTML 5Page - Allegro MicroSystems A1262LLHLT-X-T Datasheet HTML 6Page - Allegro MicroSystems A1262LLHLT-X-T Datasheet HTML 7Page - Allegro MicroSystems A1262LLHLT-X-T Datasheet HTML 8Page - Allegro MicroSystems A1262LLHLT-X-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2D, Dual-Channel, Ultrasensitive Hall-Effect Latch
A1262
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
Packing
Package
Temperature Range, TA (°C)
Description
A1262ELHLT-T
7-in. reel, 3000 pieces/reel
5-pin SOT-23W surface mount
–40 to 85
2 Outputs of Y and Z
A1262ELHLX-T
13-in. reel, 10000 pieces/reel
5-pin SOT-23W surface mount
A1262LLHLT-T
7-in. reel, 3000 pieces/reel
5-pin SOT-23W surface mount
–40 to 150
A1262LLHLX-T
13-in. reel, 10000 pieces/reel
5-pin SOT-23W surface mount
A1262ELHLT-X-T*
7-in. reel, 3000 pieces/reel
5-pin SOT-23W surface mount
–40 to 85
2 Outputs of X and Z
A1262ELHLX-X-T*
13-in. reel, 10000 pieces/reel
5-pin SOT-23W surface mount
A1262LLHLT-X-T*
7-in. reel, 3000 pieces/reel
5-pin SOT-23W surface mount
–40 to 150
A1262LLHLX-X-T*
13-in. reel, 10000 pieces/reel
5-pin SOT-23W surface mount
* Contact Allegro regarding availability.
SPECIFICATIONS
Terminal List Table
Number
Symbol
Description
1
VDD
Connects power supply to chip
2
OUTPUTA Output of Z magnetic field direction1
3
OUTPUTB
Default option: Output of Y magnetic field direction
With -X option: Output of X magnetic field direction
4
GND
Ground
5
GND
Ground
1
Z-axis recommended for use as the speed channel in a speed and direction application,
due to better repeatability.
5
4
3
2
1
VDD
OUTPUTA
OUTPUTB
GND
GND
Package LH, 5-Pin SOT23W Pinout
RoHS
COMPLIANT
Description (continued)
of –40°C to 85°C (E temperature range option) or –40°C to 150°C
(K temperature range option).
The small geometries of the BiCMOS process allow these devices
to be offered in an ultrasmall package suitable for most applications.
TheA1262 is available in a 5-pin SOT23W surface-mount package,
magnetically optimized for a variety of orientations. The package is
RoHS compliant and lead (Pb) free, with 100% matte-tin leadframe
plating.
Z
Z


Similar Part No. - A1262LLHLT-X-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1260 ALLEGRO-A1260 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLT-T ALLEGRO-A1260ELHLT-T Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260ELHLX-T ALLEGRO-A1260ELHLX-T Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
A1260EUA-T1 ALLEGRO-A1260EUA-T1 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
logo
Vishay Siliconix
A1260HE VISHAY-A1260HE Datasheet
169Kb / 3P
   Custom Capabilities Position Sensors and Variable Resistors
01-Jan-2022
More results

Similar Description - A1262LLHLT-X-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMAG5110 TI-TMAG5110_V04 Datasheet
2Mb / 44P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
TMAG5110 TI-TMAG5110_V02 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110_V01 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110_V03 Datasheet
4Mb / 35P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110 TI-TMAG5110 Datasheet
4Mb / 34P
[Old version datasheet]   TMAG511x 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
TMAG5110-Q1 TI-TMAG5110-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TMAG511x-Q1 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
TMAG5110-Q1 TI-TMAG5110-Q1_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TMAG511x-Q1 2D, Dual-Channel, High-Sensitivity, Hall-Effect Latch
SEPTEMBER 2021
logo
Major-Power Technology ...
MA7080 MPOWER-MA7080 Datasheet
166Kb / 2P
   Dual-Channel Output Hall Effect Latch
Rev.0.4
logo
Allegro MicroSystems
A1171 ALLEGRO-A1171 Datasheet
637Kb / 9P
   Micropower Ultrasensitive Hall Effect Switch
A3211 ALLEGRO-A3211_16 Datasheet
595Kb / 13P
   Micropower, Ultrasensitive Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com