Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1324LLHLX- Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1324LLHLX-
Description  Low Noise, Linear Hall Effect Sensor ICs with Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1324LLHLX- Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1324LLHLX- Datasheet HTML 1Page - Allegro MicroSystems A1324LLHLX- Datasheet HTML 2Page - Allegro MicroSystems A1324LLHLX- Datasheet HTML 3Page - Allegro MicroSystems A1324LLHLX- Datasheet HTML 4Page - Allegro MicroSystems A1324LLHLX- Datasheet HTML 5Page - Allegro MicroSystems A1324LLHLX- Datasheet HTML 6Page - Allegro MicroSystems A1324LLHLX- Datasheet HTML 7Page - Allegro MicroSystems A1324LLHLX- Datasheet HTML 8Page - Allegro MicroSystems A1324LLHLX- Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
New applications for linear output Hall-effect devices, such
as displacement, angular position, and current measurement,
require high accuracy in conjunction with small package size.
The AllegroA1324, A1325, and A1326 linear Hall-effect
sensor ICs are designed specifically to achieve both goals.This
temperature-stable device is available in a miniature surface
mount package (SOT23W) and an ultra-mini through-hole
single in-line package.
These ratiometric Hall effect sensor ICs provide a voltage
output that is proportional to the applied magnetic field. They
featureaquiescentvoltageoutputof50%ofthesupplyvoltage.
The A1324/25/26 feature factory programmed sensitivities of
5.0 mV/G, 3.125 mV/G, and 2.5 mV/G, respectively.
The features of these linear devices make them ideal for
use in automotive and industrial applications requiring high
accuracy, and operate through an extended temperature range,
–40°C to 150°C.
Each BiCMOS monolithic circuit integrates a Hall element,
temperature-compensating circuitry to reduce the intrinsic
sensitivity drift of the Hall element, a small-signal high-gain
amplifier, a clamped low-impedance output stage, and a
proprietary dynamic offset cancellation technique.
These devices are available in a 3-pin ultra-mini SIP package
(UA),anda3-pinsurfacemountSOT-23stylepackage(LH).Both
are lead (Pb) free, with 100% matte tin leadframe plating.
A1324-DS, Rev. 4
Features and Benefits
• Temperature-stable quiescent output voltage and sensitivity
• Output voltage proportional to magnetic flux density
• Low-noise output increases accuracy
• Precise recoverability after temperature cycling
• Ratiometric rail-to-rail output
• Wide ambient temperature range: –40°C to 150°C
• Immune to mechanical stress
• Solid-state reliability
• Enhanced EMC performance for stringent automotive
applications
Low Noise, Linear Hall Effect Sensor ICs with Analog Output
Functional Block Diagram
Not to scale
A1324, A1325, and A1326
Packages
Approximate footprint
3-pin SOT23-W
2 mm × 3 mm × 1 mm
(suffix LH)
3-pin ultramini SIP
1.5 mm × 4 mm × 3 mm
(suffix UA)
Trim Control
Sensitivity and
Sensitivity TC
Offset
GND
VC
V+
C
VOUT
To All Subcircuits
Preliminary Datasheet Subject to Change Without Notice February 25, 2011


Similar Part No. - A1324LLHLX-

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1324LLHLX-T ALLEGRO-A1324LLHLX-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLX-T ALLEGRO-A1324LLHLX-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results

Similar Description - A1324LLHLX-

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com