Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1340LKTTN-4-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1340LKTTN-4-T
Description  High Precision Programmable Linear Hall Effect Sensor IC with EEPROM, Analog Output, and Advanced Output Linearization
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1340LKTTN-4-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1340LKTTN-4-T Datasheet HTML 2Page - Allegro MicroSystems A1340LKTTN-4-T Datasheet HTML 3Page - Allegro MicroSystems A1340LKTTN-4-T Datasheet HTML 4Page - Allegro MicroSystems A1340LKTTN-4-T Datasheet HTML 5Page - Allegro MicroSystems A1340LKTTN-4-T Datasheet HTML 6Page - Allegro MicroSystems A1340LKTTN-4-T Datasheet HTML 7Page - Allegro MicroSystems A1340LKTTN-4-T Datasheet HTML 8Page - Allegro MicroSystems A1340LKTTN-4-T Datasheet HTML 9Page - Allegro MicroSystems A1340LKTTN-4-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
High Precision Programmable Linear Hall Effect Sensor IC
with EEPROM, Analog Output, and Advanced Output Linearization
A1340
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
MAGNETIC CHARACTERISTICS: valid across full operating temperature range, TA, and supply voltage range, VCC,
CBYPASS = 10 nF; unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
Factory Programmed Device Values2
Magnetic Input Signal Range
BIN
SENS_COARSE = 4
±300
G
Magnetic Input Signal Offset
BINOFFSET SIG_OFFSET = 0
0
V
Output Sensitivity
Sens
SENS_MULT = 0, TA = 25°C
8.08
8.33
8.58
mV/G
Quiescent Voltage Output
VOUT(Q)
BIN = 0 G, TA = 25°C
2.42
2.50
2.58
V
Output Clamp Initial Voltage
VCLP(H)init
VCC
VSAT(H)
V
VCLP(L)init
VSAT(L)
V
Sensitivity Drift Over Temperature3
DSens
TA = –40°C to 25°C
<±0.03
%/°C
TA = 25°C to 150°C
<±0.02
%/°C
Offset (QVO) Drift Over Temperature4
D
VOUT(Q)
TA = –40°C to 25°C
<±0.7
mV/°C
TA = 25°C to 150°C
<±0.1
mV/°C
1
1 G (gauss) = 0.1 mT (millitesla).
2
Device performance is optimized for the input magnetic range of SENS_COARSE = 4 and input offset of SIG_OFFSET=0. If a different magnetic input range or signal
offset is required, please see the tables in the section EEPROM Customer-Programmable Parameter Reference, near the end of this document.
3
Does not include drift over lifetime and package hysteresis.
4
Offset drifts with temperature changes will be altered from the factory programmed values if Magnetic Input Signal Range is changed. If changes in Magnetic Input Signal
Range cannot be avoided because of application requirements, please contact Allegro for detailed information.


Similar Part No. - A1340LKTTN-4-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1341 ALLEGRO-A1341 Datasheet
1Mb / 53P
   High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
A1341LKTTN-T ALLEGRO-A1341LKTTN-T Datasheet
1Mb / 53P
   High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
A1342 ALLEGRO-A1342 Datasheet
1Mb / 48P
   Programmable Linear Hall IC with Advanced Diagnostics for Safety-Critical Applications
A1342LUCTN-T ALLEGRO-A1342LUCTN-T Datasheet
1Mb / 48P
   Programmable Linear Hall IC with Advanced Diagnostics for Safety-Critical Applications
A1343 ALLEGRO-A1343 Datasheet
2Mb / 53P
   High-Precision, Highly Programmable Linear Hall-Effect Sensor IC with EEPROM, Output Protocols SENT and PWM, and Advanced Output Linearization
More results

Similar Description - A1340LKTTN-4-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1341 ALLEGRO-A1341 Datasheet
1Mb / 53P
   High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
A1343 ALLEGRO-A1343 Datasheet
2Mb / 53P
   High-Precision, Highly Programmable Linear Hall-Effect Sensor IC with EEPROM, Output Protocols SENT and PWM, and Advanced Output Linearization
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
logo
Melexis Microelectronic...
MLX90288 MELEXIS-MLX90288 Datasheet
308Kb / 19P
   SMD Programmable Linear Hall Sensor IC Featuring Analog Ratiometric Output
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
logo
Siemens Semiconductor G...
TLE4910G SIEMENS-TLE4910G Datasheet
290Kb / 11P
   HALL-EFFECT IC WITH ANALOG OUTPUT
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373 Datasheet
435Kb / 23P
   HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com