Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1325LLHLX- Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1325LLHLX-
Description  Low Noise, Linear Hall Effect Sensor ICs with Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1325LLHLX- Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1325LLHLX- Datasheet HTML 1Page - Allegro MicroSystems A1325LLHLX- Datasheet HTML 2Page - Allegro MicroSystems A1325LLHLX- Datasheet HTML 3Page - Allegro MicroSystems A1325LLHLX- Datasheet HTML 4Page - Allegro MicroSystems A1325LLHLX- Datasheet HTML 5Page - Allegro MicroSystems A1325LLHLX- Datasheet HTML 6Page - Allegro MicroSystems A1325LLHLX- Datasheet HTML 7Page - Allegro MicroSystems A1325LLHLX- Datasheet HTML 8Page - Allegro MicroSystems A1325LLHLX- Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Linear Hall Effect Sensor ICs with Analog Output
A1324, A1325,
and A1326
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS Valid throughout TA range, CBYPASS = 0.1 µF, VCC = 5 V; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
Electrical Characteristics
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
No load on VOUT
6.9
9
mA
Power-On Time2
tPO
TA = 25°C, CL (PROBE) = 10 pF
32
µs
Supply Zener Clamp Voltage
VZ
TA = 25°C, ICC = 12 mA
6
8.3
V
Internal Bandwidth
BWi
Small signal, –3 dB
17
kHz
Chopping Frequency3
fC
TA = 25°C
400
kHz
Output Characteristics
Quiescent Voltage Output
VOUT(Q)
B = 0 G, TA = 25°C
2.425
2.500
2.575
V
Output Referred Noise
VN
A1324, TA = 25°C, CBYPASS = 0.1 µF
7.0
mV(p-p)
A1325, TA = 25°C, CBYPASS = 0.1 µF
4.4
mV(p-p)
A1326, TA = 25°C, CBYPASS = 0.1 µF
3.5
mV(p-p)
Input Referred RMS Noise Density
VNRMS
TA = 25°C, CBYPASS = open, no load on VOUT,
f << BWi
1.3
mG/√Hz
DC Output Resistance
ROUT
< 1
Ω
Output Load Resistance
RL
VOUT to VCC
4.7
VOUT to GND
4.7
Output Load Capacitance
CL
VOUT to GND
10
nF
Output Saturation Voltage
VOUT(sat)HIGH RPULLDOWN = 4.7 kΩ, VCC = 5 V
4.7
V
VOUT(sat)LOW RPULLUP = 4.7 kΩ, VCC = 5 V
0.30
V
Magnetic Characteristics
Sensitivity
Sens
A1324, TA = 25°C
4.750
5.000
5.250
mV/G
A1325, TA = 25°C
2.969
3.125
3.281
mV/G
A1326, TA = 25°C
2.375
2.500
2.625
mV/G
Sensitivity Temperature Coefficient
TCSens
LH package; programmed at TA = 150°C,
calculated relative to Sens at 25°C
0
%/°C
UA package; programmed at TA = 150°C,
calculated relative to Sens at 25°C
0.03
%/°C
Error Components
Sensitivity Drift at Maximum Ambient
Operating Temperature
∆Sens(TAmax)
LH package; from hot to room temperature
–5
5
%
UA package; from hot to room temperature
–2.5
7.5
%
Sensitivity Drift at Minimum Ambient
Operating Temperature
∆Sens(TAmin)
LH package; from cold to room temperature
–3.5
8.5
%
UA package; from cold to room temperature
–6
4
%
Continued on the next page…


Similar Part No. - A1325LLHLX-

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1325LLHLX-T ALLEGRO-A1325LLHLX-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLX-T ALLEGRO-A1325LLHLX-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results

Similar Description - A1325LLHLX-

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com